Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2199 Datasheet (PDF) - Micrel Semiconductor

MIC2199 Datasheet PDF - Micrel Semiconductor
Part # MIC2199
Download  MIC2199 Download
File Size   222.5 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 300kHz 4mm4mm Synchronous Buck Converter

MIC2199 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2199 Datasheet PDF - Micrel Semiconductor

Part # MIC2199
Download  MIC2199 Click to download

File Size   222.5 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 300kHz 4mm4mm Synchronous Buck Converter

MIC2199 Datasheet (HTML) - Micrel Semiconductor


MIC2199 Product details

General Description
The MIC2199 is a high-power 300kHz synchronous buck DC-to-DC controller housed in a small 4mm×4mm MLF™ 12-pin package. The MIC2199 operates from a wide 4.5V to 32V input and can be programmed for output voltages from 0.8V to 6V. The wide input voltage capability makes the MIC2199 an ideal solution for point-of-load DC-to-DC conversion in 5V, 12V, 24V, and 28V systems.

Features
•  4.5V to 32V input range
•  4mm×4mm MLF™ package
•  300kHz PWM operation
•  95% efficiency
•  Output voltage adjustable down to 0.8V
•  20A output current capability
•  Drives all N-Channel MOSFETs
•  Logic controlled micropower shutdown
•  Cycle-by-cycle current limiting
•  Adjustable undervoltage lockout
•  Frequency foldback overcurrent protection

Applications
•  Point-of-load DC-to-DC conversion from 5V, 12V, 24V, 28V supplies
•  Telecom equipment
•  Wireless modems
•  Servers
•  Base stations




Similar Part No. - MIC2199

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2199BML MICREL-MIC2199BML Datasheet
396Kb / 14P
300kHz 4mm 횞 4mm Synchronous Buck Converter
MIC2199YML MICREL-MIC2199YML Datasheet
396Kb / 14P
300kHz 4mm 횞 4mm Synchronous Buck Converter
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
300kHz 4mm 횞 4mm Synchronous Buck Converter
More results


Similar Description - MIC2199

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2198 MICREL-MIC2198 Datasheet
216Kb / 15P
500kHz 4mm 횞 4mm Synchronous Buck Controller
logo
Diodes Incorporated
AP1538 DIODES-AP1538 Datasheet
289Kb / 14P
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 2
logo
Linear Technology
LTC3445 LINER-LTC3445 Datasheet
474Kb / 24P
I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
logo
Diodes Incorporated
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Diodes Incorporated
AP1538 DIODES-AP1538_09 Datasheet
312Kb / 13P
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
AP1539_0910 DIODES-AP1539_0910 Datasheet
306Kb / 13P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
logo
Micrel Semiconductor
MIC2198 MICREL-MIC2198_05 Datasheet
418Kb / 14P
500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5503 GMT-G5503 Datasheet
160Kb / 1P
300KHz, 3A Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com