Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2199 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2199
Description  300kHz 4mm 횞 4mm Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2199 Datasheet HTML 3Page - Micrel Semiconductor MIC2199 Datasheet HTML 4Page - Micrel Semiconductor MIC2199 Datasheet HTML 5Page - Micrel Semiconductor MIC2199 Datasheet HTML 6Page - Micrel Semiconductor MIC2199 Datasheet HTML 7Page - Micrel Semiconductor MIC2199 Datasheet HTML 8Page - Micrel Semiconductor MIC2199 Datasheet HTML 9Page - Micrel Semiconductor MIC2199 Datasheet HTML 10Page - Micrel Semiconductor MIC2199 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
November 2004
7
MIC2199
MIC2199
Micrel
A ramp is added to the amplified current-sense signal to
provide slope compensation, which is required to prevent
unstable operation at duty cycles greater than 50%.
A transconductance amplifier is used for the error amplifier,
which compares an attenuated sample of the output voltage
with a reference voltage. The output of the error amplifier is
the COMP (compensation) pin, which is compared to the
current-sense waveform in the PWM block. When the current
signal becomes greater than the error signal, the comparator
turns off the high-side drive. The COMP pin (pin 1) provides
access to the output of the error amplifier and allows the use
of external components to stabilize the voltage loop.
Current
Sense
Amp
Error
Amp
VIN
VDD
CORRECTIVE
RAMP
PWM
COMPARATOR
RESET
Oscillator
7
10
6
12
11
8
9
4
5
3
1
COMP
100k
MIC2199
FB
R2
R1
VOUT
CSH
VDD
BST
CIN
VIN
HSD
Q2
Q1
D1
D2
CBST
COUT
VIN
VOUT
L1
VSW
LSD
PGND
CCOMP
RCOMP
4.7µF
S
R
Q
CONTROL LOGIC AND
PULSE-WIDTH MODULATOR
RCS
Gm = 0.2×10
-3
AV = 2
V
0.8V
R1
R2
OUT =+
1
Reference
⎞
⎠
⎛
⎝
Figure 2. PWM Operation
VDD
0V
0V
0V
0V
0A
VDD
VIN + VDD
VIN
VSW
Reset
Pulse
VHSD
VLSD
ILOAD
IL1
Figure 3. PWM-Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com