Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2198 Datasheet (PDF) - Micrel Semiconductor

MIC2198 Datasheet PDF - Micrel Semiconductor
Part # MIC2198
Download  MIC2198 Download
File Size   216.61 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500kHz 4mm 횞 4mm Synchronous Buck Controller

MIC2198 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2198 Datasheet PDF - Micrel Semiconductor

Part # MIC2198
Download  MIC2198 Click to download

File Size   216.61 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500kHz 4mm 횞 4mm Synchronous Buck Controller

MIC2198 Datasheet (HTML) - Micrel Semiconductor


MIC2198 Product details

General Description
The MIC2198 is a high-power 500kHz synchronous buck DC-to-DC controller housed in a small 4mm×4mm MLF™ 12-pin package. The MIC2198 operates from a wide 4.5V to 32V input and can be programmed for output voltages from 0.8V to 6V. The wide input voltage capability makes the MIC2198 an ideal solution for point-of-load DC-to-DC conversion in 5V, 12V and higher systems.

Features
• 4.5V to 32V input range
• 4mm×4mm MLF™ package
• 500kHz PWM operation
• >90% efficiency
• Output voltage adjustable down to 0.8V
• 20A output current capability
• Drives all N-Channel MOSFETs
• Logic controlled micropower shutdown
• Cycle-by-cycle current limiting
• Adjustable undervoltage lockout
• Frequency foldback overcurrent protection

Applications
• Point-of-load DC-to-DC conversion from 5V, 12V and higher supplies
• Telecom equipment
• Wireless modems
• Servers
• Base stations




Similar Part No. - MIC2198

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2198BML MICREL-MIC2198BML Datasheet
418Kb / 14P
500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2198YML MICREL-MIC2198YML Datasheet
418Kb / 14P
500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2198 MICREL-MIC2198_05 Datasheet
418Kb / 14P
500kHz 4mm 횞 4mm Synchronous Buck Controller
More results


Similar Description - MIC2198

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2199 MICREL-MIC2199 Datasheet
222Kb / 15P
300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
Linear Technology
LTC3445 LINER-LTC3445 Datasheet
474Kb / 24P
I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
logo
Micrel Semiconductor
MIC2198 MICREL-MIC2198_05 Datasheet
418Kb / 14P
500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
300kHz 4mm 횞 4mm Synchronous Buck Converter
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
logo
FCI connector
84501-001 FCI-CONNECTOR-84501-001 Datasheet
208Kb / 3P
4mm RECPT. ASSY
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
24V 2A 500kHz synchronous Buck Converter
logo
ERNI Electronics
DC0000110 ERNI-DC0000110 Datasheet
74Kb / 1P
Federleiste SMD. Powerm. 4mm Female Con, SMD, Powerm. 4mm
logo
Everlight Electronics C...
IR3494-30C-H80-L419 EVERLIGHT-IR3494-30C-H80-L419_15 Datasheet
155Kb / 6P
4mm Infrared LED
logo
HARTING Technology Grou...
09-00-000-5351 HARTING-09-00-000-5351 Datasheet
455Kb / 1P
Kabeldurchf체hrungst체lle 3-4mm
2021-10-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com