Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6132H Datasheet (PDF) - Sipex Corporation

SP6132H Datasheet PDF - Sipex Corporation
Part # SP6132H
Download  SP6132H Download
File Size   264.13 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Voltage, 300KHz Synchronous PWM Controller

SP6132H Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6132H Datasheet PDF - Sipex Corporation

Part # SP6132H
Download  SP6132H Click to download

File Size   264.13 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Voltage, 300KHz Synchronous PWM Controller

SP6132H Datasheet (HTML) - Sipex Corporation


SP6132H Product details

DESCRIPTION
The SP6132H is a synchronous step-down switching regulator controller optimized for high efficiency. The part is designed to be especially attractive for dual supply, 12V step down with 5V used to power the controller. This lower VCC voltage minimizes power dissipation in the part. The SP6132H is designed to drive a pair of external NFETs using a fixed 300kHz frequency, PWM voltage mode architecture. Protection features include UVLO, thermal shutdown and output short circuit protection. The SP6132H is available in the cost and space saving 10-pin MSOP.

FEATURES
■ 3V to 28V Step Down Achieved Using Dual Input
■ On-Board 1.5Ω sink (2Ω source) NFET Drivers
■ Up to 30A Output Capability
■ Highly Integrated Design, Minimal Components
■ UVLO Detects Both VCC and VIN
■ Short Circuit Protection with Auto-Restart
■ Wide BW Amp Allows Type II or III Compensation
■ Programmable Soft Start
■ Fast Transient Response
■ High Efficiency: Greater than 95% Possible
■ A Synchronous Start-Up into a Pre-Charged Output
■ Small 10-Pin MSOP Package
■ U.S. Patent #6,922,041

APPLICATIONS
■ Wireless Base Station
■ Automotive
■ Industrial
■ Power Supply




Similar Part No. - SP6132H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132H SIPEX-SP6132H Datasheet
290Kb / 10P
High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
logo
Sipex Corporation
SP6132HCU SIPEX-SP6132HCU Datasheet
290Kb / 10P
High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132HCU EXAR-SP6132HCU Datasheet
290Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
logo
Sipex Corporation
SP6132HCU/TR SIPEX-SP6132HCU/TR Datasheet
290Kb / 10P
High Voltage, 300KHz Synchronous PWM Controller
More results


Similar Description - SP6132H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
SP6134H SIPEX-SP6134H Datasheet
141Kb / 14P
High Voltage, 600 KHz Synchronous PWM Controller
logo
International Rectifier
IR3651SPBF IRF-IR3651SPBF Datasheet
1Mb / 19P
HIGH VOLTAGE SYNCHRONOUS PWM BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
logo
Sipex Corporation
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com