Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3080A Datasheet (PDF) - Belden Inc.

3080A Datasheet PDF - Belden Inc.
Part # 3080A
Download  3080A Download
File Size   157.63 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 1 Pr #14 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF THHN OR THWN

3080A Datasheet (PDF)

Go To PDF Page Download Datasheet
3080A Datasheet PDF - Belden Inc.

Part # 3080A
Download  3080A Click to download

File Size   157.63 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 1 Pr #14 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF THHN OR THWN

3080A Datasheet (HTML) - Belden Inc.


3080A Product details

Product Description
UL Instrumentation, 1 Pair 14AWG (7x22) Bare Copper, PVC-NYL Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, 600V TC
150V NPLF THHN OR THWN 90C Dry 75C Wet SUN RES DIR BUR




Similar Part No. - 3080A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
3080 HONEYWELL-3080 Datasheet
161Kb / 8P
Industrial VRS Magnetic Speed Sensors
logo
Alpha Wire
3080 ALPHAWIRE-3080 Datasheet
70Kb / 3P
Customer Specification
logo
Heyco.
3080 HEYCO-3080 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Keystone Electronics Co...
3080 KEYSTONE-3080 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
Laird Tech Smart Techno...
3080-500 LSTD-3080-500 Datasheet
340Kb / 1P
SILVER PLATED STRETCH FABRIC WITH ANTI-TARNISH COATING
More results


Similar Description - 3080A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1090A BELDEN-1090A Datasheet
159Kb / 2P
Inst, 50 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF TFN
04-14-2023
3081A BELDEN-3081A Datasheet
452Kb / 2P
Inst, 1 Tri #14 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF THHN OR THWN
12-20-2022
1527A BELDEN-1527A Datasheet
159Kb / 2P
Inst, 3 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
3088A BELDEN-3088A Datasheet
158Kb / 2P
Inst, 1 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
3090A BELDEN-3090A Datasheet
169Kb / 2P
Inst, 1 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
3090AE BELDEN-3090AE Datasheet
156Kb / 2P
Inst, 1 Pr #16 Str BC GRN GND, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry
04-14-2023
3103A BELDEN-3103A Datasheet
155Kb / 2P
Inst, 1 Pr #12 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF THHN OR THWN
12-20-2022
61P1401 BELDEN-61P1401 Datasheet
147Kb / 2P
Inst, 1 Pr #14 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF THHN OR THWN
12-20-2022
61P1616 BELDEN-61P1616 Datasheet
147Kb / 2P
Inst, 16 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF THHN OR THWN
12-20-2022
62P1204 BELDEN-62P1204 Datasheet
155Kb / 2P
Inst, 4 Pr #12 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC 150V NPLF THHN OR THWN
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com