Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZD20-CL2-R Datasheet (PDF) - Unisonic Technologies

ZD20-CL2-R Datasheet PDF - Unisonic Technologies
Part # ZD20-CL2-R
Download  ZD20-CL2-R Download
File Size   117.59 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ZENER DIODE

ZD20-CL2-R Datasheet (PDF)

Go To PDF Page Download Datasheet
ZD20-CL2-R Datasheet PDF - Unisonic Technologies

Part # ZD20-CL2-R
Download  ZD20-CL2-R Click to download

File Size   117.59 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ZENER DIODE

ZD20-CL2-R Datasheet (HTML) - Unisonic Technologies


ZD20-CL2-R Product details

FEATURES
* Compact, 2-pin (SOD-323&SOD-123) and 3-pin(SOT-23)
   mini-mold types for high-density mounting.
* High demand voltage range (1.8V~36V) is manufactured on
   high-efficient non-wire bonding production line.




Similar Part No. - ZD20-CL2-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
ZD200 TELEDYNE-ZD200 Datasheet
3Mb / 16P
High Definition Oscilloscopes
logo
American Accurate Compo...
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
Broadband Voltage Controlled Oscillators 2 to 18GHz
logo
Cystech Electonics Corp...
ZD20V0 CYSTEKEC-ZD20V0 Datasheet
155Kb / 4P
200mW SOD-323 Zener Voltage Regulators
More results


Similar Description - ZD20-CL2-R

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com