Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZD20-CL2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ZD20-CL2-R
Description  ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ZD20-CL2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ZD20-CL2-R Datasheet HTML 1Page - Unisonic Technologies ZD20-CL2-R Datasheet HTML 2Page - Unisonic Technologies ZD20-CL2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ZD2.4 THRU ZD36
ZENER DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R601-006,A
ZD2.4 THRU ZD36 ZENER
DIODES
FEATURES
*Compact, 2-pin(SOD-323) and 3-pin(SOT-23) mini-mold types
for high-density mounting.
*High demand voltage range (2.4V~36V) is manufactured on
high-efficient non-wire bonding production line.
SOT-23
SOD-323
1
2
3
1
2
*Pb-free plating product number: ZDxxL
ORDERING INFORMATION
Order Number
Pin
Normal
Lead Free Plating
Package
123
Packing
ZDxx-AE3-R
ZDxxL-AE3-R
SOT-23
+- N
Tape Reel
ZDxx-CL2-R
ZDxxL-CL2-R
SOD-323
+-
Tape Reel
Note:1.Pin assignment:
+: Anode -: Cathode
N: No Connection
2.xx: Zenar Voltage, refer to Marking Information.
ZDxxL-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AE3: SOT-23, CL2: SOD-323
(3) L: Lead Free Plating, Blank: Pb/Sn
(4)Zenar Voltage
(4) refer to Marking Information
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-23
XX
Voltage
Code
SOD-323
2.4
2.5
3.3
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
25
27
30
33
36
XX
Voltage
Code


Similar Part No. - ZD20-CL2-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
ZD200 TELEDYNE-ZD200 Datasheet
3Mb / 16P
High Definition Oscilloscopes
logo
American Accurate Compo...
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
Broadband Voltage Controlled Oscillators 2 to 18GHz
logo
Cystech Electonics Corp...
ZD20V0 CYSTEKEC-ZD20V0 Datasheet
155Kb / 4P
200mW SOD-323 Zener Voltage Regulators
More results

Similar Description - ZD20-CL2-R

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com