Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2206 Datasheet (PDF) - Unisonic Technologies

2206 Datasheet PDF - Unisonic Technologies
Part # 2206
Download  2206 Download
File Size   121.32 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.5W DUAL AUDIO POWER AMP

2206 Datasheet (PDF)

Go To PDF Page Download Datasheet
2206 Datasheet PDF - Unisonic Technologies

Part # 2206
Download  2206 Click to download

File Size   121.32 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.5W DUAL AUDIO POWER AMP

2206 Datasheet (HTML) - Unisonic Technologies


2206 Product details

DESCRIPTION
The UTC 2206 is a monolithic integrated circuit consisting of a 2-channel power amplifier .It is suitable for stereo and bridge amplifier application of radio cassette tape recorders.

FEATURES
* High output power
   Stereo:PO=2.3W(Typ) at VCC=9V,RL=4Ω.
   Bridge: PO=4.7W(Typ) at VCC=9V,RL=8Ω.
* Low switching distortion at high frequency.
* Small shock noise at the time of power on/off due to a built-in
   muting circuit
* Good ripple rejection due to a built-in ripple filter.
* Good channel separation.
* Closed loop voltage gain fixed 45dB(Bridge: 51dB) but availability
   with external resistor added.
* Minimum number of external parts required .
* Easy to design radiator fin.




Similar Part No. - 2206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2206 ETC1-2206 Datasheet
32Kb / 1P
high Current Toroid Inductors
2206 ETC2-2206 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
logo
Littelfuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
2206 Series, Lead-Free 2AG, Fast-Acting Fuse
logo
Heyco.
2206 HEYCO-2206 Datasheet
151Kb / 1P
Extra Dome Plugs
logo
Keystone Electronics Co...
2206 KEYSTONE-2206 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
More results


Similar Description - 2206

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1470 NTE-NTE1470 Datasheet
19Kb / 2P
Integrated Circuit Audio Power Amp, 2.5W for Table Top Stereo
NTE1687 NTE-NTE1687 Datasheet
25Kb / 3P
Linear Integrated Circuit Dual, 2.5W (7.8W BTL) Audio Amp
logo
Samsung semiconductor
KA22066 SAMSUNG-KA22066 Datasheet
101Kb / 4P
4.0W DUAL AUDIO POWER AMP.
KA2206B SAMSUNG-KA2206B Datasheet
125Kb / 6P
2.3W DUAL AUDIO POWER AMP
logo
Wuxi Youda electronics ...
YD2206 YOUDA-YD2206 Datasheet
76Kb / 4P
2.5W DUAL AUDIO POWER AMP
logo
National Semiconductor ...
LM380 NSC-LM380_00 Datasheet
271Kb / 9P
2.5W Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP4832 ISSI-IS31AP4832 Datasheet
436Kb / 19P
DUAL 2.5W AUDIO POWER AMPLIFIER AND STEREO HEADPHONE DRIVER
logo
Texas Instruments
LM380 TI1-LM380 Datasheet
536Kb / 13P
LM380 2.5W Audio Power Amplifier
logo
Unisonic Technologies
2206 UTC-2206_15 Datasheet
166Kb / 6P
2.5W DUAL AUDIO POWER AMP
logo
Bookly Micro electronic
BM0102 BOOKLY-BM0102 Datasheet
231Kb / 2P
2.5W AUDIO CLASS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com