Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2206 Datasheet (PDF) - Unisonic Technologies

2206 Datasheet PDF - Unisonic Technologies
Part # 2206_15
Download  2206 Download
File Size   166.28 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.5W DUAL AUDIO POWER AMP

2206 Datasheet (PDF)

Go To PDF Page Download Datasheet
2206 Datasheet PDF - Unisonic Technologies

Part # 2206_15
Download  2206 Click to download

File Size   166.28 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.5W DUAL AUDIO POWER AMP

2206 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 2206_15

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2206-1201 WAGO-2206-1201 Datasheet
775Kb / 15P
2-conductor through terminal block; with push-button; 6 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 6,00 mm짼; gray
24.11.2021
2206-1204 WAGO-2206-1204 Datasheet
819Kb / 15P
2-conductor through terminal block; with push-button; 6 mm짼; with test port; suitable for Ex i applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 6,00 mm짼; blue
24.11.2021
2206-1207 WAGO-2206-1207 Datasheet
739Kb / 14P
2-conductor ground terminal block; with push-button; 6 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 6,00 mm짼; green-yellow
24.11.2021
2206-1301 WAGO-2206-1301 Datasheet
779Kb / 15P
3-conductor through terminal block; with push-button; 6 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 6,00 mm짼; gray
24.11.2021
2206-1304 WAGO-2206-1304 Datasheet
792Kb / 15P
3-conductor through terminal block; with push-button; 6 mm짼; with test port; suitable for Ex i applications; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 6,00 mm짼; blue
24.11.2021
More results


Similar Description - 2206_15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1470 NTE-NTE1470 Datasheet
19Kb / 2P
Integrated Circuit Audio Power Amp, 2.5W for Table Top Stereo
NTE1687 NTE-NTE1687 Datasheet
25Kb / 3P
Linear Integrated Circuit Dual, 2.5W (7.8W BTL) Audio Amp
logo
Samsung semiconductor
KA22066 SAMSUNG-KA22066 Datasheet
101Kb / 4P
4.0W DUAL AUDIO POWER AMP.
KA2206B SAMSUNG-KA2206B Datasheet
125Kb / 6P
2.3W DUAL AUDIO POWER AMP
logo
Wuxi Youda electronics ...
YD2206 YOUDA-YD2206 Datasheet
76Kb / 4P
2.5W DUAL AUDIO POWER AMP
logo
Unisonic Technologies
2206 UTC-2206 Datasheet
121Kb / 4P
2.5W DUAL AUDIO POWER AMP
logo
National Semiconductor ...
LM380 NSC-LM380_00 Datasheet
271Kb / 9P
2.5W Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP4832 ISSI-IS31AP4832 Datasheet
436Kb / 19P
DUAL 2.5W AUDIO POWER AMPLIFIER AND STEREO HEADPHONE DRIVER
logo
Texas Instruments
LM380 TI1-LM380 Datasheet
536Kb / 13P
LM380 2.5W Audio Power Amplifier
logo
Bookly Micro electronic
BM0102 BOOKLY-BM0102 Datasheet
231Kb / 2P
2.5W AUDIO CLASS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com