Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4066 Datasheet (PDF) - Unisonic Technologies

4066 Datasheet PDF - Unisonic Technologies
Part # 4066
Download  4066 Download
File Size   150.99 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUAD BILATERAL SWITCH

4066 Datasheet (PDF)

Go To PDF Page Download Datasheet
4066 Datasheet PDF - Unisonic Technologies

Part # 4066
Download  4066 Click to download

File Size   150.99 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUAD BILATERAL SWITCH

4066 Datasheet (HTML) - Unisonic Technologies


4066 Product details

QUAD BILATERAL SWITCH



„ DESCRIPTION

The UTC4066is a quad bilateral switch intended for the transmission or multiplexing of analog or digital signals.



„ FEATURES

* Wide supply voltage range: 3V ~ 15V.

* High noise immunity : 0.45VDD (typ.)

* Wide range of digital and ± 7.5VPEAKanalog switching

* “ON” resistance for 15V operation : 80Ω

* Matched ”ON” resistance :  R △ON=5Ω(typ.) over 15V signal input

* “ON” resistance flat over peak-to-peak signal range

* High “ON” / “OFF” : 65 dB (typ.)  output voltage ratio @ fIS=10kHz, RL=10kΩ

* High degree linearity: 0.1% distortion (typ.). @ fIS=1kHz, VIS=5Vp-p.

* VDD-VSS=10V, RL=10kΩ

* Extremely low ”OFF” : 0.1nA (typ.) 

* switch leakage @VDD-VSS=10V, Ta=25℃

* Extremely high control input impedance : 1012Ω(typ.)

* Low crosstalk : -50dB (typ.)

* between switches @ fIS=0.9MHz, RL=1kΩ

* Frequency response, switch ”ON” : 40MHz (typ.)



 




Similar Part No. - 4066

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
4066 NSC-4066 Datasheet
169Kb / 8P
Quad Bilateral Switch
logo
ON Semiconductor
4066 ONSEMI-4066 Datasheet
276Kb / 12P
Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
logo
STMicroelectronics
4066 STMICROELECTRONICS-4066 Datasheet
77Kb / 9P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
Sep-2001
4066 STMICROELECTRONICS-4066 Datasheet
51Kb / 5P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
logo
Toshiba Semiconductor
4066 TOSHIBA-4066 Datasheet
315Kb / 7P
QUAD BILATERAL SWITCH
More results


Similar Description - 4066

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
Quad Bilateral Switch
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
QUAD BILATERAL SWITCH
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
29-Jul-2004
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
Quad Bilateral Switch
logo
Unisonic Technologies
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com