Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4128 Datasheet (PDF) - Unisonic Technologies

4128 Datasheet PDF - Unisonic Technologies
Part # 4128
Download  4128 Download
File Size   128.41 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS

4128 Datasheet (PDF)

Go To PDF Page Download Datasheet
4128 Datasheet PDF - Unisonic Technologies

Part # 4128
Download  4128 Click to download

File Size   128.41 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS

4128 Datasheet (HTML) - Unisonic Technologies


4128 Product details

DESCRIPTION

UTC 4128 is designed for specially used for electronic ballasters in 110VAC environment.



FEATURES

* Triple diffused technology.

* High switching speed



 




Similar Part No. - 4128

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
412802 ADELS-412802 Datasheet
135Kb / 1P
Terminal Block, 2 pole, Insulating Material: Porcelain, Cross- Section: 6.0 mm², Voltage Rating: 450 V, Current Rating: 41 A
29/01/2020
412803 ADELS-412803 Datasheet
137Kb / 1P
PM/ 3
logo
Wiha Tools
41286 WIHA-41286 Datasheet
7Mb / 16P
WORK IN A PERFECTLY PROTECTED WAY
logo
Intersil Corporation
41288WP INTERSIL-41288WP Datasheet
23Kb / 4P
Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
Unisonic Technologies
4128D UTC-4128D Datasheet
111Kb / 3P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Similar Description - 4128

ManufacturerPart #DatasheetDescription
logo
Rohm
RN141G ROHM-RN141G Datasheet
121Kb / 3P
High frequency switching
logo
Unisonic Technologies
4124 UTC-4124 Datasheet
130Kb / 3P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
4126 UTC-4126 Datasheet
107Kb / 4P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
logo
New Jersey Semi-Conduct...
2N4996 NJSEMI-2N4996 Datasheet
124Kb / 1P
HIGH-FREQUENCY TRANSISTORS
logo
Unisonic Technologies
4128 UTC-4128_15 Datasheet
132Kb / 2P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
4124 UTC-4124_15 Datasheet
135Kb / 3P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
4126 UTC-4126_15 Datasheet
112Kb / 4P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
logo
Infineon Technologies A...
IPD096N08N3G INFINEON-IPD096N08N3G_14 Datasheet
360Kb / 9P
Ideal for high frequency switching
Rev. 2.2 2014-05-19
IPD135N08N3G INFINEON-IPD135N08N3G_14 Datasheet
360Kb / 9P
Ideal for high frequency switching
Rev. 2.2 2014-05-19
BSZ097N10NS5 INFINEON-BSZ097N10NS5 Datasheet
1Mb / 12P
Ideal for high frequency switching
Rev.2.1,2014-05-05
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com