Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41288WP Datasheet (PDF) - Intersil Corporation

41288WP Datasheet PDF - Intersil Corporation
Part # 41288WP
Download  41288WP Download
File Size   23.69 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad, High Speed, Low Power, Video Closed Loop Buffer

41288WP Datasheet (PDF)

Go To PDF Page Download Datasheet
41288WP Datasheet PDF - Intersil Corporation

Part # 41288WP
Download  41288WP Click to download

File Size   23.69 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad, High Speed, Low Power, Video Closed Loop Buffer

41288WP Datasheet (HTML) - Intersil Corporation


41288WP Product details

Description
The HFA1412/883 is a quad closed loop Buffer featuring
user programmable gain and high speed performance. Manufactured on Intersil’s proprietary complementary bipolar
UHF-1 process, this device offers wide -3dB bandwidth of
340MHz, very fast slew rate, excellent gain flatness and high
output current.
A unique feature of the pinout allows the user to select a voltage gain of +1, -1, or +2, without the use of any external
components. Gain selection is accomplished via connections to the inputs, as described in the “Application Information” section. The result is a more flexible product, fewer part
types in inventory, and more efficient use of board space.
Compatibility with existing op amp pinouts provides flexibility
to upgrade low gain amplifiers, while decreasing component
count. Unlike most buffers, the standard pinout provides an
upgrade path should a higher closed loop gain be needed at
a future date.

Features
• This Circuit is Processed in Accordance to MIL-STD883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• User Programmable For Closed-Loop Gains of +1, -1
or +2 Without Use of External Resistors
• Standard Operational Amplifier Pinout
• Low Supply Current. . . . . . . . . . . 5.9mA/Op Amp (Typ)
• Excellent Gain Accuracy. . . . . . . . . . . . . . 0.99V/V (Typ)
• Wide -3dB Bandwidth . . . . . . . . . . . . . . . 340MHz (Typ)
• Fast Slew Rate . . . . . . . . . . . . . . . . . . . . 1155V/µs (Typ)
• High Input Impedance . . . . . . . . . . . . . . . . . . 1MΩ (Typ)
• Excellent Gain Flatness (to 50MHz) . . . . ±0.02dB (Typ)
• Fast Overdrive Recovery. . . . . . . . . . . . . . . <10ns (Typ)

Applications
• Flash A/D Driver
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Medical Imaging Systems




Similar Part No. - 41288WP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4128 UTC-4128 Datasheet
128Kb / 2P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
logo
Adels-Contact
412802 ADELS-412802 Datasheet
135Kb / 1P
Terminal Block, 2 pole, Insulating Material: Porcelain, Cross- Section: 6.0 mm², Voltage Rating: 450 V, Current Rating: 41 A
29/01/2020
412803 ADELS-412803 Datasheet
137Kb / 1P
PM/ 3
logo
Wiha Tools
41286 WIHA-41286 Datasheet
7Mb / 16P
WORK IN A PERFECTLY PROTECTED WAY
logo
Unisonic Technologies
4128D UTC-4128D Datasheet
111Kb / 3P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Similar Description - 41288WP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
Closed-Loop High Speed Buffer
07-Mar-2093
logo
Intersil Corporation
HS-1212RH INTERSIL-HS-1212RH Datasheet
107Kb / 9P
Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
1999 08
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
August 1999
logo
National Semiconductor ...
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
High-Speed, Closed-Loop Buffer
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com