Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA575D Datasheet (PDF) - ON Semiconductor

SA575D Datasheet PDF - ON Semiconductor
Part # SA575D
Download  SA575D Download
File Size   126.81 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Compandor

SA575D Datasheet (PDF)

Go To PDF Page Download Datasheet
SA575D Datasheet PDF - ON Semiconductor

Part # SA575D
Download  SA575D Click to download

File Size   126.81 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Compandor

SA575D Datasheet (HTML) - ON Semiconductor


SA575D Product details

The SA575 is a precision dual gain control circuit designed for low voltage applications. The SA575’s channel 1 is an expandor, while channel 2 can be configured either for expandor, compressor, or automatic level controller (ALC) application.



Features

•Operating Voltage Range from 3.0 V to 7.0 V

•Reference Voltage of 100 mVRMS= 0 dB

•One Dedicated Summing Op Amp Per Channel and Two Extra Uncommitted Op Amps

•600 Drive Capability

•Single or Split Supply Operation

•Wide Input/Output Swing Capability

•Pb−Free Packages are Available



Applications

•Portable Communications

•Cellular Radio

•Cordless Telephone

•Consumer Audio

•Portable Broadcast Mixers

•Wireless Microphones

•Modems

•Electric Organs

•Hearing Aids




Similar Part No. - SA575D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575D PHILIPS-SA575D Datasheet
102Kb / 14P
Low voltage compandor
1997 Nov 07
SA575DK PHILIPS-SA575DK Datasheet
102Kb / 14P
Low voltage compandor
1997 Nov 07
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
Low Voltage Compandor
September, 2006 ??Rev. 3
More results


Similar Description - SA575D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
Low voltage compandor
1997 Nov 07
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
Low power compandor
1997 Aug 14
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
LOW VOLTAGE COMPANDOR
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
Low Voltage and Current Dissipation Compandor IC
logo
NXP Semiconductors
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
Low Power Compandor
December 1993
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
LA8630MC ONSEMI-LA8630MC Datasheet
197Kb / 8P
Low Voltage and Current Dissipation Compandor IC
January 2016 - Rev. 0
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
LOW VOLTAGE COMPANDOR
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com