Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800F Datasheet (PDF) - SIMCom

SIM800F Datasheet PDF - SIMCom
Part # SIM800F
Download  SIM800F Download
File Size   142.89 Kbytes
Page   1 Pages
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom
Description Dual-band 850/900/1800/1900MHz

SIM800F Datasheet (PDF)

Go To PDF Page Download Datasheet
SIM800F Datasheet PDF - SIMCom

Part # SIM800F
Download  SIM800F Click to download

File Size   142.89 Kbytes
Page   1 Pages
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom
Description Dual-band 850/900/1800/1900MHz

SIM800F Datasheet (HTML) - SIMCom


SIM800F Product details

General features
•Dual-band 850/900/1800/1900MHz
•GPRS multi-slot class 12/10
•GPRS mobile station class B
•Compliant to GSM phase 2/2+
–Class 4 (2 W @850/900MHz)
–Class 1 (1 W @1800/1900MHz)
•Dimensions: 24*24*3mm
•Weight: 3.1g
•Control via AT commands (3GPP TS 27.007, 27.005
and SIMCom enhanced AT Commands)
•Supply voltage range 3.4 ~ 4.4V
•Low power consumption
•Operation temperature:-40℃ ~85℃
Specifications for GPRS Data
•GPRS class 12: max. 85.6 kbps (downlink/uplink)
•PBCCH support
•Coding schemes CS 1, 2, 3, 4
•PPP-stack
•USSD
Specifications for SMS via GSM/GPRS
•Point to point MO and MT
•SMS cell broadcast
•Text and PDU mode
Software features
•0710 MUX protocol
•Embedded TCP/UDP protocol
•FTP/HTTP
•MMS
•POP3/SMTP
•DTMF
•Jamming Detection
•Audio Record
•SSL
•Bluetooth 3.0 (optional)




Similar Part No. - SIM800F

ManufacturerPart #DatasheetDescription
logo
SIMCom
SIM800 SIMCOM-SIM800 Datasheet
3Mb / 380P
SIM800 Series AT Command Manual
2015-08-03
SIM800C SIMCOM-SIM800C Datasheet
1Mb / 52P
Hardware_Design_V1.02
2015-4-27
SIM800H SIMCOM-SIM800H Datasheet
2Mb / 73P
Hardware Design_V2.02
2015-07-27
SIM800L SIMCOM-SIM800L Datasheet
2Mb / 73P
Hardware Design_V2.02
2015-07-27
More results


Similar Description - SIM800F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP14110100B ETC2-FXP14110100B Datasheet
1Mb / 8P
FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
FXP14240100B ETC2-FXP14240100B Datasheet
1Mb / 8P
FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
PC24070100A ETC2-PC24070100A Datasheet
404Kb / 7P
850/900/1800/1900MHz GSM PCB Antenna 100mm 1.13mm IPEX MHF connector
PC24090100A ETC2-PC24090100A Datasheet
335Kb / 7P
850/900/1800/1900MHZ GSM PCB ANTENNA
PC27070100A ETC2-PC27070100A Datasheet
252Kb / 8P
850/900/1800/1900MHz GSM PCB Antenna
PC27110100B ETC2-PC27110100B Datasheet
302Kb / 4P
850/900/1800/1900MHz GSM PCB Antenna w/100mm 0.81mm diameter mini-coaxial cable
logo
Pulse A Technitrol Comp...
W3047A PULSE-W3047A Datasheet
752Kb / 7P
850/1900MHz Dual Band Diversity
logo
Taoglas antenna solutio...
FXP14070100A TAOGLAS-FXP14070100A Datasheet
328Kb / 7P
FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
PC27070100A TAOGLAS-PC27070100A Datasheet
252Kb / 8P
TheStripe 850/900/1800/1900MHz GSM PCB Antenna
PC27.09.0100A TAOGLAS-PC27.09.0100A_17 Datasheet
854Kb / 9P
TheStripe??50 / 900 / 1800 / 1900MHz GSM PCB Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com