Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800F Datasheet(PDF) 1 Page - SIMCom

Part # SIM800F
Description  Dual-band 850/900/1800/1900MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800F Datasheet(HTML) 1 Page - SIMCom

  SIM800F Datasheet HTML 1Page - SIMCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version:1005
All specifications are subject to change without prior notice.
SIM800F is a complete Quad-band GSM/GPRS solution in a SMT type, which can be embedded in the customer
applications.
SIM800F supports Quad-band 850/900/1800/1900MHz, it can transmit Voice, SMS and data information with low power
consumption. With tiny size of 24*24*3mm, it can smoothly fit into slim and compact demands of customer design.
General features
•Dual-band 850/900/1800/1900MHz
•GPRS multi-slot class 12/10
•GPRS mobile station class B
•Compliant to GSM phase 2/2+
–Class 4 (2 W @850/900MHz)
–Class 1 (1 W @1800/1900MHz)
•Dimensions: 24*24*3mm
•Weight: 3.1g
•Control via AT commands (3GPP TS 27.007, 27.005
and SIMCom enhanced AT Commands)
•Supply voltage range 3.4 ~ 4.4V
•Low power consumption
•Operation temperature:-40℃ ~85℃
Specifications for GPRS Data
•GPRS class 12: max. 85.6 kbps (downlink/uplink)
•PBCCH support
•Coding schemes CS 1, 2, 3, 4
•PPP-stack
•USSD
Specifications for SMS via GSM/GPRS
•Point to point MO and MT
•SMS cell broadcast
•Text and PDU mode
Software features
•0710 MUX protocol
•Embedded TCP/UDP protocol
•FTP/HTTP
•MMS
•POP3/SMTP
•DTMF
•Jamming Detection
•Audio Record
•SSL
•Bluetooth 3.0 (optional)
Specifications for voice
•Tricodec
–Half rate (HR)
–Full rate (FR)
–Enhanced Full rate (EFR)
•AMR
–Half rate (HR)
–Full rate (FR)
•Hands-free operation (Echo suppression)
Interfaces
68 SMT pins including
•Analog audio interface
•RTC backup
•USB interface
•Serial interface
•Interface to external SIM 3V/1.8V
•GPIO
•ADC
•PWM
•I2C
•GSM Antenna pad
•Bluetooth Antenna pad
Compatibility
•AT cellular command interface
Certifications:
•ROHS
•REACH
•CE (ongoing)
•GCF (ongoing)
SIM800F
Smart Machine Smart Decision
Smart Machine Smart Decision
More about SIMCom SIM800F
Please contact:
Tel: 86-21-32523300
Fax: 86-21-32523301
Email: simcom@sim.com
Website: www.sim.com/wm


Similar Part No. - SIM800F

ManufacturerPart #DatasheetDescription
logo
SIMCom
SIM800 SIMCOM-SIM800 Datasheet
3Mb / 380P
SIM800 Series AT Command Manual
2015-08-03
SIM800C SIMCOM-SIM800C Datasheet
1Mb / 52P
Hardware_Design_V1.02
2015-4-27
SIM800H SIMCOM-SIM800H Datasheet
2Mb / 73P
Hardware Design_V2.02
2015-07-27
SIM800L SIMCOM-SIM800L Datasheet
2Mb / 73P
Hardware Design_V2.02
2015-07-27
More results

Similar Description - SIM800F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP14110100B ETC2-FXP14110100B Datasheet
1Mb / 8P
FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
FXP14240100B ETC2-FXP14240100B Datasheet
1Mb / 8P
FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
PC24070100A ETC2-PC24070100A Datasheet
404Kb / 7P
850/900/1800/1900MHz GSM PCB Antenna 100mm 1.13mm IPEX MHF connector
PC24090100A ETC2-PC24090100A Datasheet
335Kb / 7P
850/900/1800/1900MHZ GSM PCB ANTENNA
PC27070100A ETC2-PC27070100A Datasheet
252Kb / 8P
850/900/1800/1900MHz GSM PCB Antenna
PC27110100B ETC2-PC27110100B Datasheet
302Kb / 4P
850/900/1800/1900MHz GSM PCB Antenna w/100mm 0.81mm diameter mini-coaxial cable
logo
Pulse A Technitrol Comp...
W3047A PULSE-W3047A Datasheet
752Kb / 7P
850/1900MHz Dual Band Diversity
logo
Taoglas antenna solutio...
FXP14070100A TAOGLAS-FXP14070100A Datasheet
328Kb / 7P
FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
PC27070100A TAOGLAS-PC27070100A Datasheet
252Kb / 8P
TheStripe 850/900/1800/1900MHz GSM PCB Antenna
PC27.09.0100A TAOGLAS-PC27.09.0100A_17 Datasheet
854Kb / 9P
TheStripe??50 / 900 / 1800 / 1900MHz GSM PCB Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com