Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN69040B Datasheet (PDF) - SONiX Technology Company

SN69040B Datasheet PDF - SONiX Technology Company
Part # SN69040B
Download  SN69040B Download
File Size   311.07 Kbytes
Page   5 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description LCD Controller with Voice/Dual Tone Melody

SN69040B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN69040B Datasheet PDF - SONiX Technology Company

Part # SN69040B
Download  SN69040B Click to download

File Size   311.07 Kbytes
Page   5 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description LCD Controller with Voice/Dual Tone Melody

SN69040B Datasheet (HTML) - SONiX Technology Company


SN69040B Product details

INTRODUCTION
SN69040B is a single chip voice/dual tone melody synthesizer IC with 4*32 LCD direct drive capability which contains two 4-bit I/O ports, two optional 4-bit output ports and a tiny controller. By programming through the tiny controller, user’s applications including LCD display, section combination, trigger modes, output status, voice/melody playing and other logic functions and then be easily implemented.

FEATURES
♦ Single power supply 2.4V - 5V
♦ Built in a tiny controller
♦ Two 4-bit I/O ports and two optional 4-bit output ports are provided
♦ Built in 40K*10 ROM
♦ 256*4 bits RAM for programming usage are provided
♦ 32*4 bits RAM for LCD display usage are provided
♦ Maximum 16k program ROM is provided
♦ Readable ROM code data
♦ Built in direct 4*32 LCD driver
♦ LCD 1/3 bias, 1/4 duty
♦ Built in a high quality speech synthesizer
♦ Adaptive playing speed from 2.5k-40kHz is provided
♦ Built in a dual tone melody generator
♦ Speech/Dual tone melody mixer is provided which SN69040B can play speech and dual tone melody simultaneously
♦ Fixed current D/A output is provided to drive external connected transistor for sound output
♦ PWM output is provided to drive external connected piezo buzzer




Similar Part No. - SN69040B

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN69040 SONIX-SN69040 Datasheet
229Kb / 5P
LCD Controller with Voice/Dual Tone Melody
More results


Similar Description - SN69040B

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN69040 SONIX-SN69040 Datasheet
229Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A060 SONIX-SN6A060 Datasheet
123Kb / 6P
LCD Controller with Voice/Dual Tone Melody
SN6A297 SONIX-SN6A297 Datasheet
135Kb / 6P
LCD Controller with Voice/Dual Tone Melody
SN6A509 SONIX-SN6A509 Datasheet
232Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A512 SONIX-SN6A512 Datasheet
233Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A514 SONIX-SN6A514 Datasheet
191Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A264 SONIX-SN6A264 Datasheet
233Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A510B SONIX-SN6A510B Datasheet
359Kb / 5P
LCD Controller with Voice/Dual Tone Melody
SN6A512B SONIX-SN6A512B Datasheet
360Kb / 5P
LCD Controller with Voice/Dual Tone Melody
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com