Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN69040B Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SN69040B
Description  LCD Controller with Voice/Dual Tone Melody
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN69040B Datasheet(HTML) 2 Page - SONiX Technology Company

  SN69040B Datasheet HTML 1Page - SONiX Technology Company SN69040B Datasheet HTML 2Page - SONiX Technology Company SN69040B Datasheet HTML 3Page - SONiX Technology Company SN69040B Datasheet HTML 4Page - SONiX Technology Company SN69040B Datasheet HTML 5Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SN69040B
LCD Controller with Voice/Dual Tone Melody
PIN ASSIGNMENT
Symbol
I/O
Function Description
SEG1-SEG24
O
segment 1~24 for LCD driver
SEG25/P53-SE
G28/P50
O
Optional to be SEG25-SEG28 or P53-P50
SEG25-28: segment25~28 for LCD driver.
P53-P50: Bit3-bit0 for output port 5.
SEG29/P43-SE
G32/P40
O
Optional to be SEG29~SEG32 or P43-P40
SEG29~32: segment29~32 for LCD driver.
P43~P40: Bit3-bit0 for output port 4.
COM1-COM4
O
Com1-Com4 for LCD driver.
GND
I
Negative power supply.
P33-P30
I/O
Bit 3 to bit 0 of IO port 3.
P23-P20
I/O
Bit 3 to bit 0 of IO port 2.
BU1,BU2
O
Buzzer driver outputs.
VO
O
D/A current output.
RST
I
Reset pin with internal pull low.
OSC
I
Oscillation component connection pin.
TEST
I
For testing only.
XIN,XOUT
32768 Hz Crystal connection pins.
VDD
I
Positive power supply.
Ver 1.1
February 15, 2006
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com