Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC113 Datasheet (PDF) - SONiX Technology Company

SNC113 Datasheet PDF - SONiX Technology Company
Part # SNC113
Download  SNC113 Download
File Size   342.0 Kbytes
Page   12 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description One Channel Direct Drive Speech Controller

SNC113 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNC113 Datasheet PDF - SONiX Technology Company

Part # SNC113
Download  SNC113 Click to download

File Size   342.0 Kbytes
Page   12 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description One Channel Direct Drive Speech Controller

SNC113 Datasheet (HTML) - SONiX Technology Company


SNC113 Product details

INTRODUCTION
SNC113 is a one-channel voice synthesizer IC with PWM direct drive circuit. It built-in a 4-bit tiny controller with one 4-bit input port, two 4-bit I/O ports. By programming through the tiny controller in SNC113, user’s varied applications including voice section combination, key trigger arrangement, output control, and other logic functions can be easily implemented.

FEATURES
♦ Single power supply 2.4V – 5.1V
♦ 16 seconds voice capacity are provided(@6KHZ sample rate)
♦ Built in a 4-bit tiny controller
♦ One 4-bit input port, two 4-bit I/O ports are provided
♦ 64*4 bits RAM are provided
♦ 52K*10 ROM size are provided for voice data and program
♦ Maximum 16k program ROM is provided
♦ Built in a high quality speech synthesizer
♦ Adaptive playing speed from 2.5k-20kHz is provided
♦ One voice channel
♦ Built in a PWM Direct Drive circuit and a fixed current D/A output
♦ System clock : 2MHz
♦ Low Power Reset




Similar Part No. - SNC113

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC111 SONIX-SNC111 Datasheet
335Kb / 10P
One Channel Direct Drive Speech Controller?
SNC111 SONIX-SNC111 Datasheet
330Kb / 11P
One Channel Direct Drive Speech Controller
SNC111 SONIX-SNC111_05 Datasheet
330Kb / 11P
One Channel Direct Drive Speech Controller
SNC112 SONIX-SNC112 Datasheet
347Kb / 11P
One Channel Direct Drive Speech Controller?
SNC112 SONIX-SNC112 Datasheet
341Kb / 12P
One Channel Direct Drive Speech Controller
More results


Similar Description - SNC113

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN65020 SONIX-SN65020 Datasheet
130Kb / 5P
One Channel Direct Drive Speech Controller
SN67D07 SONIX-SN67D07 Datasheet
106Kb / 5P
One Channel Direct Drive Speech Controller
SNC104 SONIX-SNC104 Datasheet
341Kb / 10P
One Channel Direct Drive Speech Controller?
SNC106 SONIX-SNC106 Datasheet
321Kb / 10P
One Channel Direct Drive Speech Controller?
SNC107 SONIX-SNC107 Datasheet
331Kb / 10P
One Channel Direct Drive Speech Controller?
SNC109 SONIX-SNC109 Datasheet
331Kb / 10P
One Channel Direct Drive Speech Controller?
SNC10A SONIX-SNC10A_05 Datasheet
340Kb / 11P
One Channel Direct Drive Speech Controller
SNC10C SONIX-SNC10C_05 Datasheet
329Kb / 11P
One Channel Direct Drive Speech Controller
SNC10D SONIX-SNC10D_05 Datasheet
336Kb / 11P
One Channel Direct Drive Speech Controller
SNC107 SONIX-SNC107_05 Datasheet
334Kb / 11P
One Channel Direct Drive Speech Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com