Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC113 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC113
Description  One Channel Direct Drive Speech Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC113 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC113 Datasheet HTML 1Page - SONiX Technology Company SNC113 Datasheet HTML 2Page - SONiX Technology Company SNC113 Datasheet HTML 3Page - SONiX Technology Company SNC113 Datasheet HTML 4Page - SONiX Technology Company SNC113 Datasheet HTML 5Page - SONiX Technology Company SNC113 Datasheet HTML 6Page - SONiX Technology Company SNC113 Datasheet HTML 7Page - SONiX Technology Company SNC113 Datasheet HTML 8Page - SONiX Technology Company SNC113 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SNC113
One Channel Direct Drive Speech Controller
5.7. DAC & PWM
SNC113 is an advanced chip to be designed having two optimal methods to play
out the voices. One is DAC and the other is PWM. Upon user’s applications, user
can select either DAC or PWM in his design. Please be aware that only one
method can be activated at a time.
DAC: A 7-bit current type digital-to-analog converter is built-in SNC113. The
relationship between input digital data and output analog current signal is listed
in the following table. Also, the recommended application circuit is illustrated as
follows.
Input data
Typical value of output current (mA)
0
0
1
3/127
…
N
n*(3/127)
…
127
3
VCC
BUO1/VO
1K
DAC output
Ver: 1.3
June 8, 2005
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com