Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4313D Datasheet (PDF) - Flex Power Modules. FLEX LTD.

PKB4313D Datasheet PDF - Flex Power Modules. FLEX LTD.
Part # PKB4313D
Download  PKB4313D Download
File Size   2050.34 Kbytes
Page   28 Pages
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.
Description Fully regulated DC-DC Converters

PKB4313D Datasheet (PDF)

Go To PDF Page Download Datasheet
PKB4313D Datasheet PDF - Flex Power Modules. FLEX LTD.

Part # PKB4313D
Download  PKB4313D Click to download

File Size   2050.34 Kbytes
Page   28 Pages
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.
Description Fully regulated DC-DC Converters

PKB4313D Datasheet (HTML) - Flex Power Modules. FLEX LTD.


PKB4313D Product details

Key Features
• Industry standard low profile Eighth-brick
58.4 x 22.7 x 9.6 mm (2.30 x 0.89 x 0.38 in)
• High efficiency, typical 96 % at 48Vin, 12 Vout, half load
• 2250 Vdc input to output isolation
• Pre-bias start up
• Optional Baseplate
• Optional SMD version
• Meets safety requirements according to IEC/EN/UL
60950-1
• MTBF 8.9 Million hours




Similar Part No. - PKB4313D

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
DC/DC converters, Input 36-75 V, Output 30 A/90 W
PKB4113CPI ERICSSON-PKB4113CPI Datasheet
899Kb / 43P
PKB4000C series Direct Converters
logo
Murata Manufacturing Co...
PKB42SWH2800 MURATA-PKB42SWH2800 Datasheet
203Kb / 8P
Specification of Piezoelectric Buzzer
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
Industry standard Eighth-brick
More results


Similar Description - PKB4313D

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
REGULATED CHARGE PUMP DC/DC CONVERTERS
V1.0
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02_07 Datasheet
320Kb / 14P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
REGULATED CHARGE PUMP DC/DC CONVERTERS
3.0
logo
Murata Power Solutions ...
PWR5105C MURATA-PS-PWR5105C Datasheet
107Kb / 3P
9 WATTS REGULATED DC/DC CONVERTERS
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
2 WATT REGULATED DC-DC CONVERTERS
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
logo
Linear Technology
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com