Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4313D Datasheet(PDF) 4 Page - Flex Power Modules. FLEX LTD.

Part # PKB4313D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4313D Datasheet(HTML) 4 Page - Flex Power Modules. FLEX LTD.

  PKB4313D Datasheet HTML 1Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 2Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 3Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 4Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 5Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 6Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 7Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 8Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 9Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Absolute Maximum Ratings
Characteristics
min
typ
max
Unit
TP1
Operating Temperature (see Thermal Consideration section)
-40
+125
°C
TS
Storage temperature
-55
+125
°C
VI
Input voltage
-0.5
+80
V
Cout
Output capacitance
100
µF
Viso
Isolation voltage (input to output test voltage)
2250
Vdc
Viso
Isolation voltage (input to baseplate qualification test voltage)
1500
Vdc
Viso
Isolation voltage (baseplate to output qualification test voltage)
750
Vdc
Vtr
Input voltage transient according to ETSI EN 300 132-2 and Telcordia GR-1089-CORE
100
V
VRC
Remote Control pin voltage
(see Operating Information section)
Positive logic option
-0.5
6
V
Negative logic option
-0.5
6
V
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the Electrical Specification section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Fundamental Circuit Diagram
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com