Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4313D Datasheet(PDF) 25 Page - Flex Power Modules. FLEX LTD.

Part # PKB4313D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4313D Datasheet(HTML) 25 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4313D Datasheet HTML 20Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 21Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 22Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 23Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 24Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 25Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 26Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 27Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 28Page - Flex Power Modules. FLEX LTD.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Soldering Information - Surface Mounting
The surface mount product is intended for forced convection or
vapor phase reflow soldering in SnPb and Pb-free processes.
The reflow profile should be optimised to avoid excessive
heating of the product. It is recommended to have a sufficiently
extended preheat time to ensure an even temperature across
the host PWB and it is also recommended to minimize the time
in reflow.
A no-clean flux is recommended to avoid entrapment of
cleaning fluids in cavities inside the product or between the
product and the host board, since cleaning residues may affect
long time reliability and isolation voltage.
General reflow process specifications
SnPb eutectic
Pb-free
Average ramp-up (TPRODUCT)
3°C/s max
3°C/s max
Typical solder melting (liquidus)
temperature
TL
183°C
221°C
Minimum reflow time above TL
60 s
60 s
Minimum pin temperature
TPIN
210°C
235°C
Peak product temperature
TPRODUCT
225°C
260°C
Average ramp-down (TPRODUCT)
6°C/s max
6°C/s max
Maximum time 25°C to peak
6 minutes
8 minutes
T
PRODUCT maximum
T
PIN minimum
Time
Pin
profile
Product
profile
T
L
Time in
reflow
Time in preheat
/ soak zone
Time 25°C to peak
Temperature
Minimum Pin Temperature Recommendations
Pin number 4 is chosen as reference location for the minimum
pin temperature recommendation since this will likely be the
coolest solder joint during the reflow process.
SnPb solder processes
For SnPb solder processes, a pin temperature (TPIN) in excess
of the solder melting temperature, (TL, 183°C for Sn63Pb37) for
more than 60 seconds and a peak temperature of 220°C is
recommended to ensure a reliable solder joint.
For dry packed products only: depending on the type of solder
paste and flux system used on the host board, up to a
recommended maximum temperature of 245°C could be used,
if the products are kept in a controlled environment (dry pack
handling and storage) prior to assembly.
Lead-free (Pb-free) solder processes
For Pb-free solder processes, a pin temperature (TPIN) in
excess of the solder melting temperature (TL, 217 to 221°C for
SnAgCu solder alloys) for more than 60 seconds and a peak
temperature of 245°C on all solder joints is recommended to
ensure a reliable solder joint.
Maximum Product Temperature Requirements
Top of the product PWB near pin 2 is chosen as reference
location for the maximum (peak) allowed product temperature
(TPRODUCT) since this will likely be the warmest part of the
product during the reflow process.
SnPb solder processes
For SnPb solder processes, the product is qualified for MSL 1
according to IPC/JEDEC standard J-STD-020C.
During reflow TPRODUCT must not exceed 225 °C at any time.
Pb-free solder processes
For Pb-free solder processes, the product is qualified for MSL 3
according to IPC/JEDEC standard J-STD-020C.
During reflow TPRODUCT must not exceed 260 °C at any time.
Dry Pack Information
Products intended for Pb-free reflow soldering processes are
delivered in standard moisture barrier bags according to
IPC/JEDEC standard J-STD-033 (Handling, packing, shipping
and use of moisture/reflow sensitivity surface mount devices).
Using products in high temperature Pb-free soldering
processes requires dry pack storage and handling. In case the
products have been stored in an uncontrolled environment and
no longer can be considered dry, the modules must be baked
according to J-STD-033.
Thermocoupler Attachment
Top of PWB near pin 2 for measurement of maximum product
temperature, TPRODUCT
Pin 4 for measurement of minimum pin (solder joint) temperature, TPIN
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com