Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4313D Datasheet(PDF) 18 Page - Flex Power Modules. FLEX LTD.

Part # PKB4313D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4313D Datasheet(HTML) 18 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4313D Datasheet HTML 14Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 15Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 16Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 17Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 18Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 19Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 20Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 21Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 22Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Operating information
Input Voltage
The input voltage range 36 to 75 Vdc meets the requirements
of the European Telecom Standard ETS 300 132-2 for normal
input voltage range in –48 and -60 Vdc systems, -40.5 to -57
V and -50 to -72 V respectively.
At input voltages exceeding 75 V, the power loss will be higher
than at normal input voltage and TP1 must be limited to
absolute max +125°C. The absolute maximum continuous
input voltage is 80 Vdc.
Above 42 V the product operates with normal regulation with
constant output voltage and constant maximum power. Below
42 V the output voltage starts to track the input voltage with a
fixed proportion, keeping a duty-cycle guard band for
regulation. The product operates down below 36 V before the
internal under voltage lock out turns off the product.
Short duration transient disturbances can occur on the DC
distribution and input of the product when a short circuit fault
occurs on the equipment side of a protective device (fuse or
circuit breaker). The voltage level, duration and energy of the
disturbance are dependent on the particular DC distribution
network characteristics and can be sufficient to damage the
product unless measures are taken to suppress or absorb this
energy. The transient voltage can be limited by capacitors and
other energy absorbing devices like Zener diodes connected
across the positive and negative input conductors at a number
of strategic points in the distribution network. The end-user
must secure that the transient voltage will not exceed the
value stated in the Absolute maximum ratings. ETSI TR
100 283 examines the parameters of DC distribution networks
and provides guidelines for controlling the transient and
reduce its harmful effect.
Turn-off Input Voltage
The products monitor the input voltage and will turn on and
turn off at predetermined levels. The minimum hysteresis
between turn on and turn off input voltage is 2.5 V.
Remote Control (RC)
The products are fitted
with a remote control
function referenced to the
primary negative input
connection (-In), with
negative and positive logic
options available. The RC
function allows the product
to be turned on/off by an
external device like a
semiconductor or
mechanical switch.
The RC pin has an
internal pull up resistor of 10 kΩ to +5V.
The external device must provide a minimum required sink
current to guarantee a voltage not higher than maximum
voltage on the RC pin (see Electrical characteristics table).
When the RC pin is left open, the voltage generated on the
RC pin is 5 V.
The standard product is provided with “negative logic” RC. To
turn off the product the RC pin should be left open, or
connected to a voltage higher than 4 V referenced to -In. In
situations where it is desired to have the product to power up
automatically without the need for control signals or a switch,
the RC pin can be wired directly to –In. To turn on the product
the RC pin should be lower than 1V referenced to –In.
The second option is “positive logic” remote control, which can
be ordered by adding the suffix “P” to the end of the part
number. When the RC pin is left open, the product starts up
automatically when the input voltage is applied. Turn off is
achieved by connecting the RC pin to the –In, or a voltage
lower than 1V referenced to -In. The product will restart
automatically when this connection is opened.
The RC function incorporates a short delay in order to not
trigger on glitches. Typically this filter has a settling time of
0.1-0.5 ms. This setup reduces the risk that the noise may
cause the converter to shut down or power up accidently.
See Design Note 021 for detailed information.
Input and Output Impedance
The impedance of both the input source and the load will
interact with the impedance of the product. It is important that
the input source has low characteristic impedance. The
products are designed for stable operation with a minimum of
100 uF external capacitors connected to the input. The
electrolytic capacitors will be degraded in low temperature and
the ESR value may increase. The needed input capacitance in
low temperature should be equivalent to 100 uF at 20° C. This
means that the input capacitor value may need to be
substantially larger to guarantee a stable input at low
temperatures. The performance in some applications can be
enhanced by addition of external capacitance as described
under External Decoupling Capacitors. The minimum required
capacitance value depends on the output power and the input
voltage. The higher output power the higher input capacitance
is needed.
External Decoupling Capacitors
When powering loads with significant dynamic current
requirements, the voltage regulation at the load can be
improved by addition of decoupling capacitors at the load.
The most effective technique is to locate low ESR ceramic and
electrolytic capacitors as close to the load as possible, using
several parallel capacitors to lower the effective ESR. The
ceramic capacitors will handle high-frequency dynamic load
changes while the electrolytic capacitors are used to handle
low frequency dynamic load changes. It is equally important to
use low resistance and low inductance PWB layouts and
cabling.
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com