Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4313D Datasheet(PDF) 20 Page - Flex Power Modules. FLEX LTD.

Part # PKB4313D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4313D Datasheet(HTML) 20 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4313D Datasheet HTML 16Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 17Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 18Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 19Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 20Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 21Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 22Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 23Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 24Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Thermal Consideration
General
The products are designed to operate in different thermal
environments and sufficient cooling must be provided to
ensure reliable operation.
For products mounted on a PWB without a baseplate attached,
cooling is achieved mainly by conduction, from the pins to the
host board, and convection, which is dependant on the airflow
across the product. Increased airflow enhances the cooling of
the product. The Output Current Derating graph found in the
Output section for each model provides the available output
current vs. ambient air temperature and air velocity at
VI = 53 V.
The product is tested on a 254 x 254 mm, 35 µm (1 oz),
16-layer test board mounted vertically in a wind tunnel with a
cross-section of 608 x 203 mm.
For products with baseplate used in a sealed box/cold wall
application, cooling is achieved mainly by conduction through
the cold wall. The Output Current Derating graphs are found in
the Output section for each model. The product performance
has been tested in a sealed box presented in the figure below.
The ambient temperature (inside the box) has been set to
85°C. The cold wall temperature varied. See Design Note 028
for further details.
Definition of product operating temperature
The temperature at the positions (TP1, TP2) should not exceed
the maximum temperatures in the table below. The number of
measurement points may vary with different thermal design
and topology. Temperatures above maximum measured at the
reference point P1, P2 are not allowed and may cause
permanent damage.
Position
Description
Max Temp.
P1
Mosfet, Reference point
TP1=125º C
P2
Transformer core
TP2=125º C
Open frame
P1
P2
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com