Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABSTS5A2-34IM033M Datasheet (PDF) - Abracon Corporation

ABSTS5A2-34IM033M Datasheet PDF - Abracon Corporation
Part # ABSTS5A2-34IM033M
Download  ABSTS5A2-34IM033M Download
File Size   728.14 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 1842.5 MHz SMD SAW Filter

ABSTS5A2-34IM033M Datasheet (PDF)

Go To PDF Page Download Datasheet
ABSTS5A2-34IM033M Datasheet PDF - Abracon Corporation

Part # ABSTS5A2-34IM033M
Download  ABSTS5A2-34IM033M Click to download

File Size   728.14 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 1842.5 MHz SMD SAW Filter

ABSTS5A2-34IM033M Datasheet (HTML) - Abracon Corporation


ABSTS5A2-34IM033M Product details

Features
•Usable Bandwidth of 75 MHz
•High Out of Band Attenuation
•Compact Package Size

Applications
•Cellular, LTE, WCDMA RF SAW Filter
•Wireless & telecommunication applications
•Low loss RF Filter for Receive Path.




Similar Part No. - ABSTS5A2-34IM033M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABSTS5A2-2HMM01MM ABRACON-ABSTS5A2-2HMM01MM Datasheet
1Mb / 10P
1582.47 MHz SMD SAW Filter
06-03-21
ABSTS5A2-EVAL ABRACON-ABSTS5A2-EVAL Datasheet
390Kb / 3P
ABSTS5A2 series SAW Filter Evaluation Board
06-10-21
More results


Similar Description - ABSTS5A2-34IM033M

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855860 TRIQUINT-855860 Datasheet
417Kb / 5P
1842.5 MHz SAW Filter
856079 TRIQUINT-856079 Datasheet
466Kb / 7P
1842.5 MHz SAW Filter
856409 TRIQUINT-856409 Datasheet
566Kb / 7P
1842.5 MHz SAW Filter
856575 TRIQUINT-856575 Datasheet
584Kb / 7P
1842.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0363A TAI-SAW-TA0363A Datasheet
263Kb / 7P
SAW Filter 1842.5 MHz SMD 3X3 mm
logo
RF Monolithics, Inc
SF1192B RFM-SF1192B Datasheet
174Kb / 5P
1842.5 MHz SAW Filter
logo
TriQuint Semiconductor
856934 TRIQUINT-856934 Datasheet
361Kb / 6P
1842.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1192B MURATA-SF1192B Datasheet
174Kb / 5P
1842.5 MHz SAW Filter
logo
TriQuint Semiconductor
855860 TRIQUINT-855860_15 Datasheet
515Kb / 5P
1842.5 MHz SAW Filter
856934 TRIQUINT-856934_15 Datasheet
361Kb / 6P
1842.5 MHz SAW Filter
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com