Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABSTS5A2-2HMM01MM Datasheet (PDF) - Abracon Corporation

ABSTS5A2-2HMM01MM Datasheet PDF - Abracon Corporation
Part # ABSTS5A2-2HMM01MM
Download  ABSTS5A2-2HMM01MM Download
File Size   1163.22 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 1582.47 MHz SMD SAW Filter

ABSTS5A2-2HMM01MM Datasheet (PDF)

Go To PDF Page Download Datasheet
ABSTS5A2-2HMM01MM Datasheet PDF - Abracon Corporation

Part # ABSTS5A2-2HMM01MM
Download  ABSTS5A2-2HMM01MM Click to download

File Size   1163.22 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 1582.47 MHz SMD SAW Filter

ABSTS5A2-2HMM01MM Datasheet (HTML) - Abracon Corporation


ABSTS5A2-2HMM01MM Product details

Features
•Low Insertion Loss
•High Out of Band Attenuation
•SMD Mount

Applications
•GNSS, GPS, GLONASS, BeiDou Filter
•Navigational and Positioning applications
•GPS Receivers, Mobile Phones




Similar Part No. - ABSTS5A2-2HMM01MM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABSTS5A2-34IM033M ABRACON-ABSTS5A2-34IM033M Datasheet
728Kb / 10P
1842.5 MHz SMD SAW Filter
06-02-21
ABSTS5A2-EVAL ABRACON-ABSTS5A2-EVAL Datasheet
390Kb / 3P
ABSTS5A2 series SAW Filter Evaluation Board
06-10-21
More results


Similar Description - ABSTS5A2-2HMM01MM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
SMD 930.5 MHz SAW FILTER
6.21.07
AFS1575.42S4 ABRACON-AFS1575.42S4 Datasheet
213Kb / 2P
SMD 1575.42 MHz SAW FILTER
03.17.08
logo
TAI-SAW TECHNOLOGY CO.,...
TA1954C TAI-SAW-TA1954C Datasheet
651Kb / 10P
SAW Filter 1582.47 MHz
TA1954D TAI-SAW-TA1954D Datasheet
392Kb / 9P
SAW Filter 1582.47 MHz SMD 1.1X0.9 mm (BW=46.84 MHz)
TA2411A TAI-SAW-TA2411A Datasheet
506Kb / 9P
SAW Filter 1582.47 MHz
TA1954E TAI-SAW-TA1954E Datasheet
566Kb / 9P
SAW Rx Filter 1582.47 MHz GPSGLONASSCompass SMD 1.1x0.9mm (BW=46.84 MHz)
TA2542A TAI-SAW-TA2542A Datasheet
689Kb / 8P
SAW Filter 1582.47 MHz (BW 46.84MHz) SMD 1.1X0.9mm
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com