Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS930S3 Datasheet (PDF) - Abracon Corporation

AFS930S3 Datasheet PDF - Abracon Corporation
Part # AFS930S3
Download  AFS930S3 Download
File Size   249.85 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 930.5 MHz SAW FILTER

AFS930S3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFS930S3 Datasheet PDF - Abracon Corporation

Part # AFS930S3
Download  AFS930S3 Click to download

File Size   249.85 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 930.5 MHz SAW FILTER

AFS930S3 Datasheet (HTML) - Abracon Corporation


AFS930S3 Product details

FEATURES:
• Small package
• Low Insertion Loss
• Excellent Attenuation Bandwidth

APPLICATIONS:
• Radio
• Wireless Remote Controller




Similar Part No. - AFS930S3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
AFS915.0W03-TS4 ABRACON-AFS915.0W03-TS4 Datasheet
89Kb / 2P
SMD 915.00 MHz SAW FILTER
AFS915D ABRACON-AFS915D Datasheet
155Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS915S3 ABRACON-AFS915S3 Datasheet
95Kb / 1P
SMD 915 MHz SAW FILTER
AFS916.5E ABRACON-AFS916.5E Datasheet
173Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
More results


Similar Description - AFS930S3

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2008D RFM-SF2008D Datasheet
137Kb / 4P
930.5 MHz SAW Filter
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
AFS1575.42S4 ABRACON-AFS1575.42S4 Datasheet
213Kb / 2P
SMD 1575.42 MHz SAW FILTER
03.17.08
logo
Oscilent Corporation
803-RF930.5M-A OSCILENT-803-RF930.5M-A Datasheet
181Kb / 2P
930.5 MHz RF Low Loss SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0610A TAI-SAW-TA0610A Datasheet
318Kb / 6P
SAW Filter 930.5 MHz SMD 3.8X3.8 mm
TA930GC TAI-SAW-TA930GC Datasheet
403Kb / 6P
SAW Filter 930.5 MHz for Pager
TA930H1 TAI-SAW-TA930H1 Datasheet
193Kb / 5P
SAW Filter 930.5 MHz
logo
Murata Manufacturing Co...
SF2008D MURATA-SF2008D Datasheet
134Kb / 4P
930.5 MHz SAW Filter
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com