Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS930S3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFS930S3
Description  SMD 930.5 MHz SAW FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS930S3 Datasheet(HTML) 1 Page - Abracon Corporation

  AFS930S3 Datasheet HTML 1Page - Abracon Corporation AFS930S3 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AFS930S3
|||||||||||||||
ELECTRICAL SPECIFICATIONS:
APPLICATIONS:
• Small package
• Low Insertion Loss
• Excellent Attenuation Bandwidth
• Radio
• Wireless Remote Controller
FEATURES:
3.8 x 3.8 x 1.35mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
REVISED: 6.21.07
SMD 930.5 MHz SAW FILTER
MAXIMUM RATINGS
-40°C + 85°C
0dBm
DC Voltage between any two pins
Operating Temperature Range
Storage Temperature
RF Power Dissipation
10V max.
-20°C to +50°C
Units
Minimum
Typical
Maximum
MHz
--
930.5
--
MHz
-
Fc±2.0
5
.
4
B
d
-
-
B
d
dB
47
dB
47
50
Ω/ 0 pF
Passband Width
Passband Insertion Loss
Fc-400MHz ~ Fc-40.8MHz
Fc+50MHz ~ Fc+400MHz
Passband Ripple
Item
Center Frequency Fc
Stop Band Attenuation
Terminating Impedance
FREQUENCY RESPONSE
TEST CIRCUIT
OUTLINE DRAWING:
Dimensions: Inches (mm)
PIN
2
5
Others
Ground
FUNCTION
Input
Output


Similar Part No. - AFS930S3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
AFS915.0W03-TS4 ABRACON-AFS915.0W03-TS4 Datasheet
89Kb / 2P
SMD 915.00 MHz SAW FILTER
AFS915D ABRACON-AFS915D Datasheet
155Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
AFS915S3 ABRACON-AFS915S3 Datasheet
95Kb / 1P
SMD 915 MHz SAW FILTER
AFS916.5E ABRACON-AFS916.5E Datasheet
173Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
More results

Similar Description - AFS930S3

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2008D RFM-SF2008D Datasheet
137Kb / 4P
930.5 MHz SAW Filter
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
AFS1575.42S4 ABRACON-AFS1575.42S4 Datasheet
213Kb / 2P
SMD 1575.42 MHz SAW FILTER
03.17.08
logo
Oscilent Corporation
803-RF930.5M-A OSCILENT-803-RF930.5M-A Datasheet
181Kb / 2P
930.5 MHz RF Low Loss SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0610A TAI-SAW-TA0610A Datasheet
318Kb / 6P
SAW Filter 930.5 MHz SMD 3.8X3.8 mm
TA930GC TAI-SAW-TA930GC Datasheet
403Kb / 6P
SAW Filter 930.5 MHz for Pager
TA930H1 TAI-SAW-TA930H1 Datasheet
193Kb / 5P
SAW Filter 930.5 MHz
logo
Murata Manufacturing Co...
SF2008D MURATA-SF2008D Datasheet
134Kb / 4P
930.5 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com