Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS930S3 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AFS930S3
Description  SMD 930.5 MHz SAW FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS930S3 Datasheet(HTML) 2 Page - Abracon Corporation

  AFS930S3 Datasheet HTML 1Page - Abracon Corporation AFS930S3 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AFS930S3
|||||||||||||||
3.8 x 3.8 x 1.35mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
REVISED: 6.21.07
SMD 930.5 MHz SAW FILTER
TAPE SPECIFICATIONS:
Tensile strengt of carrier
Tape: 4.4N/mm width
Top cover tape adhesion
Pull off angle: 0 ~ 15°
Speed: 300mm/min.
Force: 20 ~ 70g
EMBOSSED TAPE & REEL:
Dimensions: mm
1000 pcs per reel.
W
F
E
P0
P1
P2
D0
D1
t1
t2
A
B
12±0.3
5.5±0.1
1.75±0.1
4±0.2
8±0.1
2±0.2
Ø1.5±0.1
Ø1.0±0.25
0.25max.
1.65max.
4.1max.
4.1max.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com