Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS390E Datasheet (PDF) - Abracon Corporation

AFS390E Datasheet PDF - Abracon Corporation
Part # AFS390E
Download  AFS390E Download
File Size   113.75 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 390.0 MHz SAW FILTER

AFS390E Datasheet (PDF)

Go To PDF Page Download Datasheet
AFS390E Datasheet PDF - Abracon Corporation

Part # AFS390E
Download  AFS390E Click to download

File Size   113.75 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 390.0 MHz SAW FILTER

AFS390E Datasheet (HTML) - Abracon Corporation




Similar Part No. - AFS390E

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS303.825E ABRACON-AFS303.825E Datasheet
117Kb / 1P
SMD 303.825MHz SAW FILTER
AFS315.0W01-TS3 ABRACON-AFS315.0W01-TS3 Datasheet
1Mb / 3P
AFS315.0W01-TS3 SMD 315.0MHz SAW Filter
08.11.11
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS360.0N01-SE ABRACON-AFS360.0N01-SE Datasheet
1Mb / 3P
SMD 360.0MHz SAW FILTER
09.19.12
AFS374E ABRACON-AFS374E Datasheet
126Kb / 1P
SMD 374.0MHz SAW FILTER
More results


Similar Description - AFS390E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1355 RFM-RF1355 Datasheet
145Kb / 2P
390.0 MHz SAW Fil
RO2188 RFM-RO2188 Datasheet
144Kb / 2P
390.0 MHz SAW Resonator
RO2188A RFM-RO2188A Datasheet
98Kb / 2P
390.0 MHz SAW Resonator
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
SMD 930.5 MHz SAW FILTER
6.21.07
logo
RF Monolithics, Inc
RF3355C RFM-RF3355C Datasheet
88Kb / 3P
390.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3188A MURATA-RO3188A Datasheet
393Kb / 2P
390.0 MHz SAW Resonator
RF3355C MURATA-RF3355C Datasheet
88Kb / 3P
390.0 MHz SAW Filter
RO3188A MURATA-RO3188A_15 Datasheet
171Kb / 3P
390.0 MHz SAW Resonator
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com