Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3355C Datasheet (PDF) - Murata Manufacturing Co., Ltd.

RF3355C Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # RF3355C
Download  RF3355C Download
File Size   88.04 Kbytes
Page   3 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 390.0 MHz SAW Filter

RF3355C Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3355C Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # RF3355C
Download  RF3355C Click to download

File Size   88.04 Kbytes
Page   3 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 390.0 MHz SAW Filter

RF3355C Datasheet (HTML) - Murata Manufacturing Co., Ltd.




Similar Part No. - RF3355C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3355C RFM-RF3355C Datasheet
88Kb / 3P
390.0 MHz SAW Filter
More results


Similar Description - RF3355C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1355 RFM-RF1355 Datasheet
145Kb / 2P
390.0 MHz SAW Fil
RO2188 RFM-RO2188 Datasheet
144Kb / 2P
390.0 MHz SAW Resonator
RO2188A RFM-RO2188A Datasheet
98Kb / 2P
390.0 MHz SAW Resonator
SC3031B RFM-SC3031B Datasheet
77Kb / 2P
390.0 MHz Differential Sine-Wave Clock
logo
Abracon Corporation
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
logo
RF Monolithics, Inc
RF3355C RFM-RF3355C Datasheet
88Kb / 3P
390.0 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
RO3188A MURATA-RO3188A Datasheet
393Kb / 2P
390.0 MHz SAW Resonator
RO3188A MURATA-RO3188A_15 Datasheet
171Kb / 3P
390.0 MHz SAW Resonator
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com