Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTGD4161P Datasheet (PDF) - ON Semiconductor

NTGD4161P Datasheet PDF - ON Semiconductor
Part # NTGD4161P
Download  NTGD4161P Download
File Size   67.3 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6

NTGD4161P Datasheet (PDF)

Go To PDF Page Download Datasheet
NTGD4161P Datasheet PDF - ON Semiconductor

Part # NTGD4161P
Download  NTGD4161P Click to download

File Size   67.3 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6

NTGD4161P Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTGD4161P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTGD4161PT1G VBSEMI-NTGD4161PT1G Datasheet
1Mb / 9P
Dual P-Channel 20 V (D-S) MOSFET
More results


Similar Description - NTGD4161P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS3447P ONSEMI-NTGS3447P Datasheet
95Kb / 6P
Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGD4167C ONSEMI-NTGD4167C Datasheet
135Kb / 10P
Power MOSFET Complementary, 30 V, 2.9/??.2 A, TSOP?? Dual
December, 2008 ??Rev. 1
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com