Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTGS3441P Datasheet (PDF) - ON Semiconductor

NTGS3441P Datasheet PDF - ON Semiconductor
Part # NTGS3441P
Download  NTGS3441P Download
File Size   64.82 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6

NTGS3441P Datasheet (PDF)

Go To PDF Page Download Datasheet
NTGS3441P Datasheet PDF - ON Semiconductor

Part # NTGS3441P
Download  NTGS3441P Click to download

File Size   64.82 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6

NTGS3441P Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTGS3441P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3441P ONSEMI-NTGS3441P Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
VBsemi Electronics Co.,...
NTGS3441PT1G VBSEMI-NTGS3441PT1G Datasheet
450Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - NTGS3441P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
NTGD4161P ONSEMI-NTGD4161P_06 Datasheet
67Kb / 5P
Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS3447P ONSEMI-NTGS3447P Datasheet
95Kb / 6P
Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com