Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUD3048 Datasheet (PDF) - ON Semiconductor

NUD3048 Datasheet PDF - ON Semiconductor
Part # NUD3048_07
Download  NUD3048 Download
File Size   49.15 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description FET Switch 100 V, 800 mohm N-Channel, TSOP-6

NUD3048 Datasheet (PDF)

Go To PDF Page Download Datasheet
NUD3048 Datasheet PDF - ON Semiconductor

Part # NUD3048_07
Download  NUD3048 Click to download

File Size   49.15 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description FET Switch 100 V, 800 mohm N-Channel, TSOP-6

NUD3048 Datasheet (HTML) - ON Semiconductor




Similar Part No. - NUD3048_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3048MT1 ONSEMI-NUD3048MT1 Datasheet
48Kb / 4P
FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??
September, 2005 ??Rev. 4
NUD3048MT1G ONSEMI-NUD3048MT1G Datasheet
48Kb / 4P
FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??
September, 2005 ??Rev. 4
More results


Similar Description - NUD3048_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT4NF30L STMICROELECTRONICS-STT4NF30L Datasheet
37Kb / 5P
N - CHANNEL 30V - 0.055ohm - 4A - TSOP-6 STripFET MOSFET
Nov-1998
logo
ON Semiconductor
NUD3048 ONSEMI-NUD3048 Datasheet
48Kb / 4P
FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??
September, 2005 ??Rev. 4
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
logo
Nexperia B.V. All right...
PSMN5R5-100YSF NEXPERIA-PSMN5R5-100YSF Datasheet
324Kb / 14P
NextPower 100 V, 5.6 mOhm N-channel MOSFET in LFPAK56 package
11 October 2022
PSMN7R2-100YSF NEXPERIA-PSMN7R2-100YSF Datasheet
332Kb / 14P
NextPower 100 V, 6.9 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN8R9-100BSE NEXPERIA-PSMN8R9-100BSE Datasheet
319Kb / 12P
N-channel 100 V, 10 mOhm, standard level MOSFET in D2PAK
28 October 2020
PSMN9R8-100YSF NEXPERIA-PSMN9R8-100YSF Datasheet
330Kb / 14P
NextPower 100 V, 10.2 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN012-100YSF NEXPERIA-PSMN012-100YSF Datasheet
335Kb / 14P
NextPower 100 V, 11.8 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN015-100YSF NEXPERIA-PSMN015-100YSF Datasheet
332Kb / 14P
NextPower 100 V, 15.5 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com