Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2559 Datasheet (PDF) - Allegro MicroSystems

2559 Datasheet PDF - Allegro MicroSystems
Part # 2559
Download  2559 Download
File Size   469.16 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description PROTECTED QUAD POWER DRIVER

2559 Datasheet (PDF)

Go To PDF Page Download Datasheet
2559 Datasheet PDF - Allegro MicroSystems

Part # 2559
Download  2559 Click to download

File Size   469.16 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description PROTECTED QUAD POWER DRIVER

2559 Datasheet (HTML) - Allegro MicroSystems


2559 Product details

FEATURES
■ 700 mA Output Current per Channel
■ Independent Over-Current Protection for Each Driver
■ Thermal Protection for Device and Each Driver
■ Low Output-Saturation Voltage
■ Integral Output Flyback Diodes
■ TTL and 5 V CMOS Compatible Inputs




Similar Part No. - 2559

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
List of Unclassifed Man...
2559 ETC2-2559 Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
2559 ETC2-2559 Datasheet
3Mb / 6P
Bandwidth up to 300 MHz
logo
Heyco.
2559 HEYCO-2559 Datasheet
153Kb / 1P
Louvered Plugs
logo
Weidmuller
2559230000 WEIDMULLER-2559230000 Datasheet
303Kb / 4P
S2L 3.50/40/180G 3.5SN OR BX
More results


Similar Description - 2559

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
PROTECTED QUAD POWER DRIVER
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
Protected Quad Driver
October 28, 2005
A2559 ALLEGRO-A2559 Datasheet
118Kb / 8P
PROTECTED QUAD POWER DRIVER
logo
Linear Technology
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Allegro MicroSystems
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com