Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF54 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADC32RF54 Datasheet PDF - Texas Instruments
Part # ADC32RF54
Download  ADC32RF54 Download
File Size   4181.82 Kbytes
Page   108 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter

ADC32RF54 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC32RF54 Datasheet PDF - Texas Instruments

Part # ADC32RF54
Download  ADC32RF54 Click to download

File Size   4181.82 Kbytes
Page   108 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter

ADC32RF54 Datasheet (HTML) - Texas Instruments


ADC32RF54 Product details

1 Features
• 14-Bit, dual channel 1.5-GSPS ADC
• Noise spectral density:
– NSD = -153 dBFS/Hz (no AVG)
– NSD = -156 dBFS/Hz (2x AVG)
– NSD = -159 dBFS/Hz (4x AVG)
• Single core (non-interleaved) ADC architecture
• Aperture jitter: 50 fs
• Low close-in residual phase noise:
– -133 dBc/Hz at 10 kHz offset
• Spectral performance (fIN = 900 MHz, -4 dBFS):
– 2x internal averaging
– SNR: 66.8 dBFS
– SFDR HD2,3: 74 dBc
– SFDR worst spur: 90 dBFS
• Input fullscale: 1.0/1.1 Vpp (1/1.8 dBm)
• Code error rate (CER): 10-15
• Full power input bandwidth (-3 dB): 1.6 GHz
• JESD204B serial data interface
– Maximum lane rate: 13 Gbps
– Supports subclass 1 deterministic latency
• Digital down-converters
– Up to four DDC per ADC channel
– Complex output: 4x, 16x to 128x decimation
– 48-bit NCO phase coherent frequency hopping
– Fast frequency hopping: < 1 us
• Power consumption: 1.8 W/channel (2x AVG)
• Power supplies: 1.8 V, 1.2 V

2 Applications
• Phased array radar
• Spectrum analyzer
• Software defined radio (SDR)
• Electronic warfare
• High-speed digitizer
• Cable infrastructure
• Communications infrastructure

3 Description
The ADC32RF52 is a single core 14-bit, 1.5 GSPS,
dual channel analog to digital converter (ADC) that
supports RF sampling with input frequencies up to
2 GHz. The design maximizes signal-to-noise ratio
(SNR) and delivers a noise spectral density of -153
dBFS/Hz. Using additional internal ADCs along with
on-chip signal averaging, the noise density improves
to -156 dBFS/Hz (2x AVG) and -159 dBFS/Hz (4x
AVG).
Each ADC channel can be connected to a quad-band
digital down-converter (DDC) using a 48-bit NCO
which supports phase coherent frequency hopping.
Using the GPIO pins for NCO frequency control,
frequency hopping can be achieved in less than 1 μs.
The ADC32RF52 supports the JESD204B serial data
interface with subclass 1 deterministic latency using
data rates up to 13 Gbps.
The power efficient ADC architecture consumes 1.4
W/ch at 1.5 Gsps and provides power scaling with
lower sampling rates.




Similar Part No. - ADC32RF54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF54 TI-ADC32RF54 Datasheet
5Mb / 104P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
JUNE 2022
ADC32RF54 TI-ADC32RF54 Datasheet
5Mb / 126P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
REVISED DECEMBER 2022
ADC32RF54 TI1-ADC32RF54 Datasheet
6Mb / 125P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
REVISED AUGUST 2023
ADC32RF54IRTD TI1-ADC32RF54IRTD Datasheet
6Mb / 125P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
REVISED AUGUST 2023
ADC32RF54IRTDT TI1-ADC32RF54IRTDT Datasheet
6Mb / 125P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
REVISED AUGUST 2023
More results


Similar Description - ADC32RF54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF42 TI1-ADC32RF42 Datasheet
5Mb / 127P
Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
ADC32RF54 TI-ADC32RF54 Datasheet
5Mb / 104P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
JUNE 2022
ADC32RF54 TI-ADC32RF54_V01 Datasheet
5Mb / 126P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
REVISED DECEMBER 2022
ADC34RF52 TI-ADC34RF52 Datasheet
3Mb / 105P
ADC34RF52 Quad Channel 14-bit 1.5-GSPS RF Sampling Data Converter
MARCH 2023
ADC32RF54 TI1-ADC32RF54_V02 Datasheet
6Mb / 125P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
REVISED AUGUST 2023
ADC34RF55 TI-ADC34RF55 Datasheet
4Mb / 105P
ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com