Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5813 Datasheet (PDF) - Texas Instruments

LP5813 Datasheet PDF - Texas Instruments
Part # LP5813
Download  LP5813 Download
File Size   4757.66 Kbytes
Page   60 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control

LP5813 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5813 Datasheet PDF - Texas Instruments

Part # LP5813
Download  LP5813 Click to download

File Size   4757.66 Kbytes
Page   60 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control

LP5813 Datasheet (HTML) - Texas Instruments


LP5813 Product details

1 Features
• Operating voltage range:
– Input voltage (VIN) range: 0.5 V to 5.5 V
– 1.8-V minimum input voltage for start-up
– Logic pins compatible with 1.8 V, 3.3 V, and 5 V
• High efficiency synchronous boost converter
– Output voltage (VOUT) range: 3 V to 5.5 V
– 140-mΩ (HS) / 60-mΩ (LS) MOSFETs
– 1.6-A valley switching current limit
– 95% efficiency at VIN = 4.2 V, VOUT = 5.0 V,
IOUT = 300 mA
– Pass-through mode when VIN > VOUT setting
– True disconnection between input and output
during shutdown
• Time-cross-multiplexing (TCM) topology:
– Drives up to 12 LEDs or 4 RGB LEDs
– ¼, ⅓, ½, 1 multiplexing ratio
– Supports direct, TCM, and mix-drive modes
• 4 constant current sinks with high precision:
– 0.1-mA to 51-mA per current sink
– Device-to-device error: max ±5%
– Channel-to-channel error: max ±5%
– Ultra-low headroom voltage: 110 mV (typ.) at
25.5 mA; 210 mV (typ.) at 51 mA
– PWM phase shift configurable for each LED
• Ultra-low power consumption:
– Shutdown: ISD = 0.1 μA (typical) when EN =
Low
– Standby: ISTB = 26 μA (typical) when EN = High
and CHIP_EN = 0 (data retained)
– Active: INOR = 0.45 mA (typical) when LED
current = 25.5 mA
• Analog dimming (current gain control)
– Global 1-bit Maximum Current (MC): 25.5 mA
or 51 mA
– Individual 8-bit Dot Current (DC) setting
• PWM dimming up to audible-noise-free 24 kHz
– Individual 8-bit PWM dimming resolution
– Linear or exponential dimming curves
• Autonomous animation engine control
• Individual LED dot open/short detection
• Integrated de-ghosting function
• 1-MHz (max.) I2C interface
• –40°C to 85°C operating temperature range

2 Applications
LED animation and indication for:
• Portable and wearable electronics - earbud and
charging case, E-cigarette, smart watch
• Gaming and home entertainment - smart speaker,
RGB mouse, VR headset and controller
• Internet-of-Things (IOT) - E-tag, video doorbell
• Networkings - router, access point
• Industrial HMI - EV charger, factory automation

3 Description
The LP5813 is a synchronous boost 4 × 3 matrix RGB
LED driver with autonomous animation engine control.
The device is ideal to support battery-powered
applications with 0.5-V to 5.5-V input voltage range,
and it has ultra-low normal operation current with 0.4-
mA (typical) when illuminate LEDs.
The integrated synchronous boost converter
maintains excellent efficiency and keeps the
brightness of LEDs stable over a wide operating
voltage range. Output voltage can be selected for
different LED forward voltage from 3 V to 5.5 V with
0.1-V step. The boost converter can power not only
the LEDs driven by the device itself, but also other
loads in the system. If the boost converter need to be
bypassed, VOUT is used as the power supply input
for the LED driver blocks.
The time-cross-multiplexing (TCM) structure is
adopted, which uses 4 output pins to control 12 LED
dots individually. Both high-side scan switch and lowside
current sink are contained in one output. The
total solution size are minimized for space limited
system.
The autonomous animation engine can significantly
reduce the real-time loading of controller. Each LED
can be configured through the related registers to
realize vivid and fancy lighting effects. The device
can generate 6-MHz clock signal and use it for
synchronizing the lighting effects among multiple
devices.




Similar Part No. - LP5813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5814 TI1-LP5814 Datasheet
1Mb / 76P
LP5814 4-Channel I2C Interface RGBW LED Driver with Auto Animation Control
MARCH 2025
LP5814 TI1-LP5814 Datasheet
1Mb / 76P
LP5815 3-Channel I2C Interface RGB LED Driver with Instant Blinking and Auto Animation Control
MARCH 2025
LP5814 TI1-LP5814 Datasheet
1Mb / 41P
LP5816 4-Channel I2C Interface RGBW LED Driver
MARCH 2025
LP5814 TI1-LP5814 Datasheet
1Mb / 40P
LP5817 3-Channel I2C Interface RGB LED Driver
MARCH 2025
LP5814DRL TI1-LP5814DRL Datasheet
1Mb / 76P
LP5814 4-Channel I2C Interface RGBW LED Driver with Auto Animation Control
MARCH 2025
More results


Similar Description - LP5813

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
3-Channel RGB LED Lamp Driver
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
logo
Linear Technology
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
logo
Intersil Corporation
ISL97900 INTERSIL-ISL97900 Datasheet
151Kb / 2P
RGB Buck-Boost 3-Channel Color Sequencing LED Driver
November 19, 2012
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Renesas Technology Corp
ISL97900 RENESAS-ISL97900 Datasheet
206Kb / 2P
RGB Buck-Boost 3-Channel Color Sequencing LED Driver
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com