Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5813 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 2Page - Texas Instruments LP5813 Datasheet HTML 3Page - Texas Instruments LP5813 Datasheet HTML 4Page - Texas Instruments LP5813 Datasheet HTML 5Page - Texas Instruments LP5813 Datasheet HTML 6Page - Texas Instruments LP5813 Datasheet HTML 7Page - Texas Instruments LP5813 Datasheet HTML 8Page - Texas Instruments LP5813 Datasheet HTML 9Page - Texas Instruments LP5813 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
7.5 Electrical Characteristics
Unless specified otherwise, typical characteristics apply over the full ambient temperature range (–40°C < TA < +85°C ), VIN
= 3.6 V, VCC = 5 V, CIN = 1 μF, COUT = 1 μF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
VIN
Input voltage range
0.5
5.5
V
VIN_UVLO
Under-voltage lockout threshold
VIN rising
1.7
1.8
V
VIN falling
0.4
0.5
V
ISD
Shutdown current into VIN and SW
pin (LP5811/3)
IC disabled (EN = Low), VIN = 3.6 V, TA =
25°C
0.1
0.35
μA
ISTB
Standby current into VCC
pin (LP5810/2)
CHIP_EN = 0 (bit), VCC = 3.6 V
25
28
μA
ISTB
Standby current into VIN and SW
pin (LP5811/3)
CHIP_EN = 0 (bit), Boost enabled (EN
= High), VIN = 3.6 V, VOUT set to 3 V,
Pass-through mode
26
29
μA
Standby current into VOUT
pin (LP5811/3)
CHIP_EN = 0 (bit), Boost disabled (EN =
Low), VIN no supply, VOUT force to 5 V
25
28
μA
INOR
Normal operation current into VIN and
SW pin (LP5811/3)
CHIP_EN = 1 (bit), Boost enabled (EN
= High), VIN = 3.6 V, VOUT set to 3 V,
Pass-through mode, IOUT0 = IOUT1 = IOUT2
= IOUT3 = 25.5 mA (MC = 0, DC = 255,
PWM = 255)
0.45
0.65
mA
INOR
Normal operation current into VOUT
pin (LP5811/3)
CHIP_EN = 1 (bit), Boost disabled (EN =
LOW), VOUT force to 3.6 V, IOUT0 = IOUT1
= IOUT2 = IOUT3 = 25.5 mA (MC = 0, DC =
255, PWM = 255)
0.4
0.6
mA
INOR
Normal operation current into VCC
pin (LP5810/2)
CHIP_EN = 1 (bit), VCC = 5V, IOUT0
= IOUT1 = IOUT2 = IOUT3 = 25.5 mA (MC
= 0, DC = 255, PWM = 255)
0.4
0.6
mA
Boost Output
VOUT
Output voltage setting range
3
5.5
V
VOVP
Output over-voltage protection
threshold
VOUT rising
5.5
5.7
5.9
V
VOVP_HYS
Over-voltage protection hysteresis
0.2
V
tSS
Soft startup time
From active EN to VOUT regulation. VIN =
1.8 V, COUT = 22 μF, IVOUT = 0 mA
450
μs
Boost Power Switch
RDS(on)
High-side MOSFET on resistance
VVOUT = 5 V
140
mΩ
Low-side MOSFET on resistance
VVOUT = 5 V
60
mΩ
fSW
Switching frequency
VIN = 3.6 V, VOUT set to 5.0 V, PWM mode
1
MHz
VIN = 1.0 V, VOUT set to 5.0 V, PFM mode
0.5
MHz
ILIM_SW
Valley current limit
VIN = 3.6 V, VOUT set to 5.0 V
1.6
A
IPRECHG
Pre-charge current
VIN = 3.6 V
350
mA
LED Driver Output
RDS(on)_SW
Scan line switch MOSFET on
resistance
VVOUT = 3 V
1
1.4
Ω
RDS(on)_SW
Scan line switch MOSFET on
resistance
VVOUT = 5 V
0.7
1.1
Ω
ICS
Constant current sink output range
VIN = 3.6 V, VOUT set to 5 V, MC = 0,
manual_pwm_x = FFh (100% ON)
0.1
25.5
mA
VIN = 3.6 V, VOUT set to 5 V, MC = 1,
manual_pwm_x = FFh (100% ON)
0.2
51
mA
ICS_LKG
Constant current sink leakage current
VIN = 3.6 V, OUTx = 1 V, manual_pwm_x
= 0 (0%)
0.1
1
μA
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com