Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5813 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 17Page - Texas Instruments LP5813 Datasheet HTML 18Page - Texas Instruments LP5813 Datasheet HTML 19Page - Texas Instruments LP5813 Datasheet HTML 20Page - Texas Instruments LP5813 Datasheet HTML 21Page - Texas Instruments LP5813 Datasheet HTML 22Page - Texas Instruments LP5813 Datasheet HTML 23Page - Texas Instruments LP5813 Datasheet HTML 24Page - Texas Instruments LP5813 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
OUT0
OUT1
OUT2
OUT3
VOUT
Vmid
VOUT - Vf
VOUT
Vmid
VOUT - Vf
Vmid
VOUT - Vf
Vmid
VOUT - Vf
PWM off
Voltage clamp to Vmid
Blank time
period
Switching
period
Figure 9-12. Ghosting elimination waveform when clamp_sel = 1
OUT0
OUT1
OUT2
OUT3
VOUT
Vmid
VOUT - Vf
VOUT
Vmid
VOUT - Vf
Vmid
VOUT - Vf
Vmid
VOUT - Vf
PWM off
Outputs floating
Blank time
period
Switching
period
Voltage clamp to Vmid
Figure 9-13. Ghosting elimination waveform when clamp_sel = 0
9.3.3 Analog Dimming
The current gain of each LED can be controlled by 2 methods to achieve analog dimming in the LP5813.
• Global 1-bit Maximum Current (MC) control for all LEDs without external resistor
• Individual 8-bit Dot Current (DC) control for each LED
The maximum output current IOUT_max of each current sink can be programmed by the 1-bit max_current. The
default value of max_current is 0h, which means the LED maximum current is set to 25.5 mA in default.
Table 9-2. Maximum Current (MC) bit setting
1 bit Maximum Current (MC)
IOUT_MAX (mA)
Binary
Decimal
0 (default)
0 (default)
25.5 (default)
1
1
51
The LP5813 can individually adjust the peak current of each LED by using Dot Current (DC) function. The
brightness deviation among the LED bins can be miminized, to achieve uniform display performance. The
current is adjusted with 256 steps from 0 to 100% of IOUT_MAX., which is programmed in an 8-bit register whose
default value is 80h.
Table 9-3. Dot Current (DC) bits setting
8-bits Dot Current (DC) Register
Ratio of IOUT_MAX
Binary
Decimal
0000 0000
0
0%
0000 0001
1
0.39%
0000 0010
2
0.78%
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com