Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX121 Datasheet (PDF) - Texas Instruments

TMUX121 Datasheet PDF - Texas Instruments
Part # TMUX121
Download  TMUX121 Download
File Size   896.44 Kbytes
Page   18 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic

TMUX121 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX121 Datasheet PDF - Texas Instruments

Part # TMUX121
Download  TMUX121 Click to download

File Size   896.44 Kbytes
Page   18 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic

TMUX121 Datasheet (HTML) - Texas Instruments


TMUX121 Product details

1 Features
• Compatible with high-speed I3C signals
• High performance switch characteristics:
– Bandwidth (–3 dB): 3.0 GHz
– RON (typical): 3 Ω
– CON (typical): 1.7 pF
– TPD (typical): 60 ps
– TSWEK (typical): 2 ps
• Low current consumption: 12 μA (typical)
• Special features:
– IPOFF protection prevents current leakage in
Powered-Down state
– 1.8 V and 3.3 V compatible control inputs
(SEL, EN)
• 3.3 V supply voltage
• Industrial temperature range: –40 to 125°C
• Compact 10-pin 1.4 mm × 1.8 mm, UQFN package

2 Applications
• I3C (SenseWire)
• I3C and I2C peripheral switching
• Servers
• Handset: smart phone
• Notebook PC
• Tablet: multimedia
• Electronic point-of-sale
• Field instrumentation
• Portable monitor

3 Description
The TMUX121 is a high performance bidirectional
2-channel, 2:1 (SPDT) switch that supports both
differential and single ended signals. The TMUX121
is an analog passive switch which features power-off
protection forcing all I/O pins to be in high-impedance
mode when power is not present on the VDD pin. The
select and enable pins of the TMUX121 compatible
with 1.8 V and 3.3 V control voltage, allowing them
to be directly interfaced with the General purpose
I/O (GPIO) from low voltage processors. This, along
with the low on-resistance and low on capacitance of
the device, make the TMUX121 an excellent choice
for supporting switching a wide range of analog
signals and digital communication protocol standards,
including high-speed standards such as I3C.
The TMUX121 comes in a small 10-pin UQFN
package with only 1.8 mm × 1.4 mm in size, which
makes it useful when PCB area is limited.




Similar Part No. - TMUX121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX121 TI2-TMUX121 Datasheet
864Kb / 18P
TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
TMUX1219 TI1-TMUX1219 Datasheet
1Mb / 30P
5-V Bidirectional, 2:1 General Purpose Switch
TMUX1219 TI2-TMUX1219 Datasheet
1Mb / 35P
TMUX1219 5-V Bidirectional, 2:1 General Purpose Switch
REVISED JUNE 2020
TMUX1219-Q1 TI-TMUX1219-Q1 Datasheet
1Mb / 29P
TMUX1219-Q1 5V Bidirectional, 2:1 General Purpose Switch
SEPTEMBER 2024
TMUX1219-Q1 TI2-TMUX1219-Q1 Datasheet
1Mb / 35P
TMUX1219 5-V Bidirectional, 2:1 General Purpose Switch
REVISED JUNE 2020
More results


Similar Description - TMUX121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX136 TI1-TMUX136 Datasheet
1Mb / 23P
6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
TMUX1511 TI1-TMUX1511 Datasheet
306Kb / 22P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574 Datasheet
563Kb / 28P
Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1511 TI1-TMUX1511_18 Datasheet
891Kb / 26P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
SN3257-Q1 TI1-SN3257-Q1 Datasheet
668Kb / 29P
2:1 (SPDT), 4-Channel Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574_V01 Datasheet
1Mb / 41P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX6236 TI-TMUX6236 Datasheet
1Mb / 34P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with 1.8 V Logic
APRIL 2022
logo
Vishay Siliconix
DG4599E VISHAY-DG4599E Datasheet
177Kb / 11P
Power-off Isolation, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
logo
Texas Instruments
TMUX6236 TI-TMUX6236_V01 Datasheet
2Mb / 41P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
REVISED JULY 2022
TMUX6236 TI1-TMUX6236_V02 Datasheet
2Mb / 46P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com