Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX121 Datasheet (PDF) - Texas Instruments

TMUX121 Datasheet PDF - Texas Instruments
Part # TMUX121
Download  TMUX121 Download
File Size   864.06 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic

TMUX121 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX121 Datasheet PDF - Texas Instruments

Part # TMUX121
Download  TMUX121 Click to download

File Size   864.06 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic

TMUX121 Datasheet (HTML) - Texas Instruments


TMUX121 Product details

1 Features
• Compatible with high-speed I3C signals
• High performance switch characteristics:
– Bandwidth (–3 dB): 3.0 GHz
– RON (typical): 3 Ω
– CON (typical): 1.7 pF
– TPD (typical): 60 ps
– TSWEK (typical): 2 ps
• Low current consumption: 12 μA (typical)
• Special features:
– IPOFF protection prevents current leakage in
Powered-Down state
– 1.8 V and 3.3 V compatible control inputs
(SEL, EN)
• 3.3 V supply voltage
• Industrial temperature range: –40 to 125°C
• Compact 10-pin 1.4 mm × 1.8 mm, UQFN package

2 Applications
• I3C (SenseWire)
• I3C and I2C peripheral switching
• Servers
• Handset: smart phone
• Notebook PC
• Tablet: multimedia
• Electronic point-of-sale
• Field instrumentation
• Portable monitor

3 Description
The TMUX121 is a high performance bidirectional
2-channel, 2:1 (SPDT) switch that supports both
differential and single ended signals. The TMUX121
is an analog passive switch which features power-off
protection forcing all I/O pins to be in high-impedance
mode when power is not present on the VDD pin. The
select and enable pins of the TMUX121 compatible
with 1.8 V and 3.3 V control voltage, allowing them
to be directly interfaced with the General purpose
I/O (GPIO) from low voltage processors. This, along
with the low on-resistance and low on capacitance of
the device, make the TMUX121 an excellent choice
for supporting switching a wide range of analog
signals and digital communication protocol standards,
including high-speed standards such as I3C.
The TMUX121 comes in a small 10-pin UQFN
package with only 1.8 mm × 1.4 mm in size, which
makes it useful when PCB area is limited.




Similar Part No. - TMUX121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
TMUX1219 TI1-TMUX1219 Datasheet
1Mb / 30P
5-V Bidirectional, 2:1 General Purpose Switch
TMUX1219 TI2-TMUX1219 Datasheet
1Mb / 35P
TMUX1219 5-V Bidirectional, 2:1 General Purpose Switch
REVISED JUNE 2020
TMUX1219-Q1 TI-TMUX1219-Q1 Datasheet
1Mb / 29P
TMUX1219-Q1 5V Bidirectional, 2:1 General Purpose Switch
SEPTEMBER 2024
TMUX1219-Q1 TI2-TMUX1219-Q1 Datasheet
1Mb / 35P
TMUX1219 5-V Bidirectional, 2:1 General Purpose Switch
REVISED JUNE 2020
More results


Similar Description - TMUX121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX136 TI1-TMUX136 Datasheet
1Mb / 23P
6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
TMUX1511 TI1-TMUX1511 Datasheet
306Kb / 22P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574 Datasheet
563Kb / 28P
Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1511 TI1-TMUX1511_18 Datasheet
891Kb / 26P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
SN3257-Q1 TI1-SN3257-Q1 Datasheet
668Kb / 29P
2:1 (SPDT), 4-Channel Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574_V01 Datasheet
1Mb / 41P
TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX6236 TI-TMUX6236 Datasheet
1Mb / 34P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with 1.8 V Logic
APRIL 2022
TMUX6236 TI-TMUX6236_V01 Datasheet
2Mb / 41P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
REVISED JULY 2022
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
TMUX6236 TI1-TMUX6236_V02 Datasheet
2Mb / 46P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com