Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4113HV Datasheet (PDF) - Analog Devices

ADF4113HV Datasheet PDF - Analog Devices
Part # ADF4113HV
Download  ADF4113HV Download
File Size   484.24 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Charge Pump, PLL Synthesizer

ADF4113HV Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4113HV Datasheet PDF - Analog Devices

Part # ADF4113HV
Download  ADF4113HV Click to download

File Size   484.24 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Charge Pump, PLL Synthesizer

ADF4113HV Datasheet (HTML) - Analog Devices


ADF4113HV Product details

GENERAL DESCRIPTION
The ADF4113HV is an integer-N frequency synthesizer with a high voltage charge pump (15 V). The synthesizer is designed for use with voltage controlled oscillators (VCOs) that have high tuning voltages (up to 15 V). Active loop filters are often used to achieve high tuning voltages, but the ADF4113HV charge pump can drive a high voltage VCO directly with a passive-loop filter. The ADF4113HV can be used to implement local oscillators in the upconversion and downconversion sections of wireless receivers and transmitters. It consists of a low noise digital phase frequency detector (PFD), a precision high voltage charge pump, a programmable reference divider, programmable A and B counters, and a dual-modulus prescaler (P/P + 1).

FEATURES
   High voltage charge pump (15 V)
   2.7 V to 5.5 V power supply
   200 MHz to 4.0 GHz frequency range
   Pin compatible with ADF4110, ADF4111, ADF4112, ADF4113
      ADF4106, and ADF4002 synthesizers
   Two selectable charge pump currents
   Digital lock detect
   Power-down mode
   Loop filter design possible with ADIsimPLL™

APPLICATIONS
   Applications using high voltage VCOs
   IF/RF local oscillator (LO) generation in base stations
   Point-to-point radio LO generation
   Clock for analog-to-digital and digital-to-analog converters
   Wireless LANs, PMR
   Communications test equipment




Similar Part No. - ADF4113HV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4113HVBCPZ AD-ADF4113HVBCPZ Datasheet
396Kb / 20P
High Voltage Charge Pump, PLL Synthesizer
REV. B
ADF4113HVBCPZ-RL AD-ADF4113HVBCPZ-RL Datasheet
396Kb / 20P
High Voltage Charge Pump, PLL Synthesizer
REV. B
ADF4113HVBCPZ-RL7 AD-ADF4113HVBCPZ-RL7 Datasheet
396Kb / 20P
High Voltage Charge Pump, PLL Synthesizer
REV. B
ADF4113HVBRUZ AD-ADF4113HVBRUZ Datasheet
396Kb / 20P
High Voltage Charge Pump, PLL Synthesizer
REV. B
ADF4113HVBRUZ-RL AD-ADF4113HVBRUZ-RL Datasheet
396Kb / 20P
High Voltage Charge Pump, PLL Synthesizer
REV. B
More results


Similar Description - ADF4113HV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
Charge Pump Voltage Inverter IC
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
Charge Pump Voltage Converters
logo
Microchip Technology
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
Charge Pump Voltage Inverter IC
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
Charge Pump Voltage Converters
logo
Analog Devices
ADF4113HV AD-ADF4113HV_15 Datasheet
396Kb / 20P
High Voltage Charge Pump, PLL Synthesizer
REV. B
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
High Voltage 1.5x Charge Pump
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
High Voltage, Low Noise Inverting Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com