Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16X Datasheet (PDF) - Nanjing International Group Co

BAS16X Datasheet PDF - Nanjing International Group Co
Part # BAS16X
Download  BAS16X Download
File Size   1459.15 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SOD-523 Plastic-Encapsulate Transistors

BAS16X Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16X Datasheet PDF - Nanjing International Group Co

Part # BAS16X
Download  BAS16X Click to download

File Size   1459.15 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SOD-523 Plastic-Encapsulate Transistors

BAS16X Datasheet (HTML) - Nanjing International Group Co


BAS16X Product details

FEATURES
High-Speed Switching Applications
Lead Finish: 100% Matte Sn ( Tin )
Qualified Reflow Temperature: 260 ℃
Extremely Small SOD-523 Package




Similar Part No. - BAS16X

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS16X JIANGSU-BAS16X Datasheet
141Kb / 2P
Swithching Diode
logo
Galaxy Semi-Conductor H...
BAS16X BILIN-BAS16X Datasheet
196Kb / 3P
High speed Switching Diode
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
logo
Shenzhen Luguang Electr...
BAS16X LUGUANG-BAS16X Datasheet
278Kb / 2P
High Speed Switching Diodes
logo
WILLAS ELECTRONIC CORP
BAS16X WILLAS-BAS16X Datasheet
402Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
More results


Similar Description - BAS16X

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS16X WILLAS-BAS16X Datasheet
402Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
SCS520S WILLAS-SCS520S Datasheet
482Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
SCS520S-40 WILLAS-SCS520S-40 Datasheet
418Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
logo
SHIKUES Electronics
RB520S-40 SKTECHNOLGY-RB520S-40 Datasheet
680Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
logo
Nanjing International G...
1SS400 DGNJDZ-1SS400_V01 Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate Diodes
1N4448WT DGNJDZ-1N4448WT Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate Transistors
1N4448X DGNJDZ-1N4448X Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate Transistors
BAS716 DGNJDZ-BAS716 Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate Transistors
BZX584C5V1H DGNJDZ-BZX584C5V1H Datasheet
866Kb / 3P
SOD-523 Plastic-Encapsulate Transistors
MMSZ4690T DGNJDZ-MMSZ4690T Datasheet
1Mb / 5P
SOD-523 Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com