Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1561 Datasheet (PDF) - uPI Group Inc.

UP1561 Datasheet PDF - uPI Group Inc.
Part # UP1561
Download  UP1561 Download
File Size   261.35 Kbytes
Page   17 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Synchronous Buck Controller with 3A VTT LDO for Memory Power Solution

UP1561 Datasheet (PDF)

Go To PDF Page Download Datasheet
UP1561 Datasheet PDF - uPI Group Inc.

Part # UP1561
Download  UP1561 Click to download

File Size   261.35 Kbytes
Page   17 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Synchronous Buck Controller with 3A VTT LDO for Memory Power Solution

UP1561 Datasheet (HTML) - uPI Group Inc.


UP1561 Product details

 Synchronous Buck Controller (VDDQ)
 Wide Input Voltage Range 3.0V to 26V
 Fast Load Transient Response
 Current Mode Option Supports Ceramic
Output Capacitors
 Soft-Off in S4/S5 States
 RDS(ON) Current Sensing Technique
 1.5V (DDR3), 1.8V (DDR2) Fixed Output or
Adjustable Output (0.75V to 3.0V)
 POK, OVP, and UVP
 3A LDO (VTT)
 3A Source/Sink Capability
 Two 10uF Ceramic Output Capacitors
 Support High Z in S3 and Soft-Off in S4/S5
 Thermal Shutdown
 +20mV Accuracy
 Reference Voltage (VTTREF)
 +20mV Accuracy
 Low Noise +10mA Output




Similar Part No. - UP1561

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1565 UPI-UP1565 Datasheet
241Kb / 15P
Complete DDR3/ DDR4 Memory Power Solution Controller
UP1565PQKF UPI-UP1565PQKF Datasheet
241Kb / 15P
Complete DDR3/ DDR4 Memory Power Solution Controller
UP1566 UPI-UP1566 Datasheet
208Kb / 14P
Complete DDR3/ DDR4 Memory Power Solution Controller
UP1566PQKF UPI-UP1566PQKF Datasheet
208Kb / 14P
Complete DDR3/ DDR4 Memory Power Solution Controller
More results


Similar Description - UP1561

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1401 SEMTECH-SC1401 Datasheet
202Kb / 17P
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
logo
Texas Instruments
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
Single Synchronous Buck with LDO Controller
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Anpec Electronics Corop...
APW8813 ANPEC-APW8813 Datasheet
788Kb / 31P
DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
APW8819 ANPEC-APW8819 Datasheet
793Kb / 28P
DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
logo
Global Mixed-mode Techn...
G5616 GMT-G5616 Datasheet
108Kb / 4P
Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
logo
Texas Instruments
TPS51216-EP TI1-TPS51216-EP Datasheet
1Mb / 34P
Memory Power Solution Synchronous Buck Controller
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com