Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1401 Datasheet (PDF) - Semtech Corporation

SC1401 Datasheet PDF - Semtech Corporation
Part # SC1401
Download  SC1401 Download
File Size   202.17 Kbytes
Page   17 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER

SC1401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1401 Datasheet PDF - Semtech Corporation

Part # SC1401
Download  SC1401 Click to download

File Size   202.17 Kbytes
Page   17 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER

SC1401 Datasheet (HTML) - Semtech Corporation


SC1401 Product details

DESCRIPTION
The SC1401 is a synchronous buck regulator designed to power the latest generation microprocessors in battery operated systems. The SC1401 may be used to provide both the I/O and core voltages utilizing synchronous rectification for the core supply voltage and an LDO N-Channel MOSFET controller for the I/O supply voltage. A 1.25 volt reference allows lower output voltages required by today’s portable microprocessors.

FEATURES
• >90% Efficiency (SMPS)
• 6.0V to 30V Input range
• 1.25V to 5.5V Adjustable output (SMPS)
• PWM and LDO regulator outputs
• High output gate drive of 2 Amps (SMPS)
• Power save mode for light load operation
• 200kHz/300kHz fixed-frequency PWM operation
• 2mA Typical quiescent current
• 2µA Typical shutdown current

APPLICATIONS
• Notebook and palmtop computers
• LCD monitors
• Internet appliances




Similar Part No. - SC1401

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC140 NJSEMI-SC140 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
SC1402ISS SEMTECH-SC1402ISS Datasheet
270Kb / 18P
Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
SC1403 SEMTECH-SC1403 Datasheet
567Kb / 30P
Mobile Multi-Output PWM Controller with Virtual Current SenseTM
SC1403ITSTR SEMTECH-SC1403ITSTR Datasheet
567Kb / 30P
Mobile Multi-Output PWM Controller with Virtual Current SenseTM
More results


Similar Description - SC1401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Vishay Siliconix
SI9142 VISHAY-SI9142 Datasheet
261Kb / 11P
Synchronous Buck Controller for High Performance Processors
05-Apr-99
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
High Performance Synchronous Buck Controller With Reference Tracking
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046_10 Datasheet
3Mb / 24P
40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
logo
Texas Instruments
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
Single Synchronous Buck with LDO Controller
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
uPI Group Inc.
UP1561 UPI-UP1561 Datasheet
261Kb / 17P
Synchronous Buck Controller with 3A VTT LDO for Memory Power Solution
Rev. C00
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com