Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1401 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1401
Description  HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1401 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1401 Datasheet HTML 1Page - Semtech Corporation SC1401 Datasheet HTML 2Page - Semtech Corporation SC1401 Datasheet HTML 3Page - Semtech Corporation SC1401 Datasheet HTML 4Page - Semtech Corporation SC1401 Datasheet HTML 5Page - Semtech Corporation SC1401 Datasheet HTML 6Page - Semtech Corporation SC1401 Datasheet HTML 7Page - Semtech Corporation SC1401 Datasheet HTML 8Page - Semtech Corporation SC1401 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SC1401
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK
CONTROLLER WITH LDO FOR PORTABLE
POWER
November 21, 2000
4
ELECTRICAL CHARACTERISTICS (continued)
Unless specified: VDD1 = 12V, V5V = 5V, VDD2 = 12V SHDN = PSAVE = 5V, TA = -40 °C to +85 °C. Typical values are at TA = +25°C.
LINE PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Driver Sink/Source
DL, DH, forced to 2V
2.0
A
Gate Driver On-Resistance
High or low
1.0
Ω
SYNC Input High Pulse1
200
SYNC Input Low Pulse Width1
200
ns
SYNC Rise/Fall Time1
200
SYNC Input Frequency Range
240
350
kHz
Current-Sense Input Leakage
CSL = CSH = 5.5V
20
µA
FB Input Leakage Current
FB = 1.25V
1
µA
LINEAR REGULATOR
VDD2 Input Voltage Range
5.0
30.0
V
VOUT Linear
VREF
5.5
V
GATEIO Source current
VDD2=12V, GATEIO=0V
2.6
mA
IOS Input Leakage Current
IOS = 1.25V
1
µA
Line Regulation
ILOAD=0.5A
0.03
%/V
Load Regulation
Vin=12V, ILOAD = 0.1A to 1A
0.85
%
VDD1 Operating Supply
5
50
µA
Shutdown Supply Current
VDD1 = 6V to 30V, V5V = 5V, SHDN = 0V
15
25
µA
V5V Operating Supply Current
V5V = 5V, no load on DH/DL, PSAVE = 0V
1.5
4
mA
VDD2 Supply Current
VDD2 = 12V
5
mA
SUPPLY CURRENTS
Note 1: Not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com