Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGA30N120 Datasheet (PDF) - Inchange Semiconductor Company Limited

IXGA30N120 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IXGA30N120
Download  IXGA30N120 Download
File Size   348.6 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Trench gate Field-Stop IGBT

IXGA30N120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGA30N120 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IXGA30N120
Download  IXGA30N120 Click to download

File Size   348.6 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Trench gate Field-Stop IGBT

IXGA30N120 Datasheet (HTML) - Inchange Semiconductor Company Limited


IXGA30N120 Product details

DESCRIPTION
·Low Saturation Voltage:VCE(sat)=3.5V@IC=30A
·High Current Capability
·High Input Impedance
·Fast Switching
APPLICATIONS
·Frequency Converters
·Air Conditioning
·UPS,PFC
·Motor Drives




Similar Part No. - IXGA30N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
GenX3 1200V IGBTs
logo
Inchange Semiconductor ...
IXGA30N120B3 ISC-IXGA30N120B3 Datasheet
307Kb / 2P
High-Speed Low-Vsat IGBT
More results


Similar Description - IXGA30N120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40V60DF STMICROELECTRONICS-STGW40V60DF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series
08-Oct-2013
logo
ON Semiconductor
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
Field Stop Trench IGBT
September, 2020 ??Rev. 5
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Inchange Semiconductor ...
APT75GT120JU3 ISC-APT75GT120JU3 Datasheet
570Kb / 4P
Trench gate Field-Stop IGBT
2023-9-12
CM300DY-24A-ISGM2001 ISC-CM300DY-24A-ISGM2001 Datasheet
502Kb / 5P
Trench gate Field-Stop IGBT
2023-9-5
FF300R12M ISC-FF300R12M Datasheet
438Kb / 5P
Trench gate Field-Stop IGBT
2023-8-14
FS75R17KE3-ISGM2006 ISC-FS75R17KE3-ISGM2006 Datasheet
427Kb / 6P
Trench gate Field-Stop IGBT
2023-9-21
STGB30H60DFB ISC-STGB30H60DFB Datasheet
334Kb / 4P
Trench gate Field-Stop IGBT
2023-10-09
STGW40H120DF2 ISC-STGW40H120DF2 Datasheet
358Kb / 3P
Trench gate Field-Stop IGBT
2023-10-16
STGP30M65DF2 ISC-STGP30M65DF2 Datasheet
372Kb / 4P
Trench gate Field-Stop IGBT
2023-10-09
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com