Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGA30N120B3 Datasheet (PDF) - IXYS Corporation

IXGA30N120B3 Datasheet PDF - IXYS Corporation
Part # IXGA30N120B3
Download  IXGA30N120B3 Download
File Size   217.54 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1200V IGBTs

IXGA30N120B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGA30N120B3 Datasheet PDF - IXYS Corporation

Part # IXGA30N120B3
Download  IXGA30N120B3 Click to download

File Size   217.54 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1200V IGBTs

IXGA30N120B3 Datasheet (HTML) - IXYS Corporation


IXGA30N120B3 Product details

VCES = 1200V

IC110 = 30A

VCE(sat) ≤£ 3.5V

tfi(typ) = 204ns



High-Speed Low-Vsat PT

IGBTs 3-20 kHz Switching



Features

Optimized for Low Conduction and Switching Losses

Square RBSOA

International Standard Packages



Applications

Power Inverters

UPS

Motor Drives

SMPS

PFC Circuits

Welding Machines

 




Similar Part No. - IXGA30N120B3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXGA30N120B3 ISC-IXGA30N120B3 Datasheet
307Kb / 2P
High-Speed Low-Vsat IGBT
More results


Similar Description - IXGA30N120B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
GenX3 1200V IGBTs
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
GenX3 1200V IGBTs
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
GenX3 1200V IGBTs w/ Diode
IXGK55N120A3H1 IXYS-IXGK55N120A3H1 Datasheet
128Kb / 2P
GenX3 1200V IGBTs w/ Diode
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
GenX3 1200V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
GenX3 1200V IGBTs
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
GenX3 600V IGBTs
IXGK400N30A3 IXYS-IXGK400N30A3 Datasheet
206Kb / 5P
GenX3 300V IGBTs
IXYK100N120C3 IXYS-IXYK100N120C3 Datasheet
208Kb / 6P
1200V XPTTM IGBTs GenX3
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com