Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGK400N30A3 Datasheet (PDF) - IXYS Corporation

IXGK400N30A3 Datasheet PDF - IXYS Corporation
Part # IXGK400N30A3
Download  IXGK400N30A3 Download
File Size   206.93 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 300V IGBTs

IXGK400N30A3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGK400N30A3 Datasheet PDF - IXYS Corporation

Part # IXGK400N30A3
Download  IXGK400N30A3 Click to download

File Size   206.93 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 300V IGBTs

IXGK400N30A3 Datasheet (HTML) - IXYS Corporation




Similar Part No. - IXGK400N30A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK100N170 IXYS-IXGK100N170 Datasheet
172Kb / 5P
High Voltage IGBT
logo
Inchange Semiconductor ...
IXGK100N170 ISC-IXGK100N170 Datasheet
288Kb / 2P
IGBT
logo
IXYS Corporation
IXGK120N120A3 IXYS-IXGK120N120A3 Datasheet
222Kb / 6P
GenX3 A3-Class IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
GenX3 1200V IGBTs
logo
Inchange Semiconductor ...
IXGK120N120B3 ISC-IXGK120N120B3 Datasheet
289Kb / 2P
N-Channel IGBT
More results


Similar Description - IXGK400N30A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
GenX3 1200V IGBTs
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
GenX3 1200V IGBTs
IXGH60N30C3 IXYS-IXGH60N30C3 Datasheet
47Kb / 2P
GenX3 300V IGBT
IXGH120N30B3 IXYS-IXGH120N30B3 Datasheet
168Kb / 5P
GenX3 300V IGBT
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
GenX3 1200V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
GenX3 1200V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
GenX3 600V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
GenX3 1200V IGBTs
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
GenX3 600V IGBTs
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com