Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGA20N120A3 Datasheet (PDF) - IXYS Corporation

IXGA20N120A3 Datasheet PDF - IXYS Corporation
Part # IXGA20N120A3
Download  IXGA20N120A3 Download
File Size   241.79 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1200V IGBTs

IXGA20N120A3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGA20N120A3 Datasheet PDF - IXYS Corporation

Part # IXGA20N120A3
Download  IXGA20N120A3 Click to download

File Size   241.79 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1200V IGBTs

IXGA20N120A3 Datasheet (HTML) - IXYS Corporation


IXGA20N120A3 Product details

Ultra-Low Vsat PT IGBTs for up to 3 kHz Switching



VCES= 1200V

IC110 = 20A

VCE(sat) ≤2.5V



Features

Optimized for Low Conduction Losses

International Standard Packages



Advantages

High Power Density

Low Gate Drive Requirement



Applications

Power Inverters

UPS

Motor Drives

SMPS

PFC Circuits

Battery Chargers

Welding Machines

Lamp Ballasts

Inrush Current Protection Circuits




Similar Part No. - IXGA20N120A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA20N120 IXYS-IXGA20N120 Datasheet
78Kb / 2P
IGBT
IXGA20N120B3 IXYS-IXGA20N120B3 Datasheet
218Kb / 6P
GenX3 1200V IGBT
More results


Similar Description - IXGA20N120A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
GenX3 1200V IGBTs
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
GenX3 1200V IGBTs w/ Diode
IXGK55N120A3H1 IXYS-IXGK55N120A3H1 Datasheet
128Kb / 2P
GenX3 1200V IGBTs w/ Diode
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
GenX3 1200V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
GenX3 1200V IGBTs
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
GenX3 600V IGBTs
IXGK400N30A3 IXYS-IXGK400N30A3 Datasheet
206Kb / 5P
GenX3 300V IGBTs
IXYK100N120C3 IXYS-IXYK100N120C3 Datasheet
208Kb / 6P
1200V XPTTM IGBTs GenX3
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com